Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 12 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 12 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 14Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 15Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 12 of 24
LP6288
Version 0.1 JAN.-2018
VIN Power On
(From 8V to 14V)
Buck Converter1
(From 2.2V to 3.7V step 0.1V)
Buck Converter2
(From 0.8V to 3.3V step 0.1V)
Negative Charger Pump Controller
(From -14.5V to -5.5V step 0.5V)
Enable High
Isolation Switch
Boost Converter
(From 13.5V to 19.8V step 0.1V)
Buck Converter3
(From 4.8V to 11.1V step 0.1V)
Positive Charger Pump Controller
(From 20V to 40V step 1V)
Gate Pulse Modulation
Figure 6. Power On Sequence and Function Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com