Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6288 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 5 of 24
LP6288
Version 0.1 JAN.-2018
Functional Pin Description
Pin NO.
Pin Name
Description
1, 2
BKI1
Buck1 Regulator Power Source Input Pin. BKI1 is internally connected to BKI3.
3
RST
Reset Function Output. Open drain.
4
SDA
IIC interface data signal.
5
SCL
IIC interface clock signal.
6
Addr
IIC interface Device Address Bit0.
7
HVS
Boost High Voltage Stress Enable.
8
VLI
Internal Regulator and Startup Circuitry Supply Input. Connect a ceramic capacitor between VLI
and GND.
9
AGND
Analog Ground.
10
COMP
Boost Regulator Error Amplifier Compensation Pin.
11
VL
Internal Regulator Output. Bypass VL to AGND a capacitor.
12
NTC
Temperature Compensation Pin.
13, 14, 29, 32
PGND
Power Ground.
15, 16
LX1/CS
R[20]=00H, Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX.
R[21]=01H, External MOS current sense pin for boost converter.
17
SWI
Isolation Switch Input.
18
SWO
Isolation Switch Output.
19
NC/GATE
R[20]=00H, No Connection.
R[21]=01H, External MOS gate driver pin for boost converter.
20
VGL
Negative Charge Pump Output Sense Pin.
21
DRVN
VGL Charge-Pump Regulator Driver Output.
22
DRVP
VGH Charge-Pump Regulator Driver Output.
23
VGH
Positive Charge Pump Output Sense Pin and Power Supply for GPM.
24
VGHM
GPM Output
25
DRN
GPM Discharge Pin. Connect a resistor between DRN and GND.
26
BKI3
Buck3 Regulator Power Source Input Pin. BKI3 is internally connected to BKI1.
27
BST3
Buck3 Bootstrap Pin. Connect a 0.1uF ceramic capacitor from BKLX3 to BST3.
28
BKLX3
Buck3 Regulator Switching Node. Connect the inductor to BKLX3.
30
BKO3
Buck3 Regulator Output Sense Pin. Connect BKO3 to the HAVDD output.
31
EN
Enable Pin.
33
BKLX2
Buck2 Regulator Switching Node. Connect the inductor to BKLX2.
34
BKO2
Buck2 Regulator Output Sense Pin. Connect BKO2 to the VCore output.
35
GVOFF
Gate Voltage Shaping Control Pin.
When GVOFF is high: VGH and VGHM is on and the VGHM and DRN is off.
When GVOFF is low : VGH and VGHM is off and the VGHM and DRN is on.
36
BKI2
Buck2 Regulator Power Source Input Pin.
37
BKO1
Buck1 Regulator Output Sense Pin. Connect BKO1 to the VIO output.
38, 39
BKLX1
Buck1 Regulator Switching Node. Connect the inductor and schottky diode to BKLX1.
40
BST1
Buck1 Bootstrap Pin. Connect a 0.1uF ceramic capacitor from BKLX1 to BST1.
41(EP)
PGND
Exposed Pad. Power ground, connect this pin to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com