Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 13 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 13 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 14Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 15Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 13 of 24
LP6288
Version 0.1 JAN.-2018
Application Information
The LP6288 is a multi-channel power supply for TFT
LCD panels. It contains a boost regulator, three buck
regulators, a positive charge pump and a negative
charge pump, GPM, and temperature compensation
for positive voltage.
Under Voltage Lockout (UVLO)
The LP6288 had an UVLO internal circuit that enable
the device once the voltage on the VIN voltage
exceeds the UVLO threshold voltage.
Boost Converter (AVDD)
The LP6288 uses fixed-frequency, current mode
architecture to regulate the output voltage. The output
voltage and soft start time can be adjustable by
internal register(R[04h]).
Boost Loop Compensation
The voltage feedback loop can be compensated with
an external compensation network consisted of
Rcomp, Ccomp (As Figure 1,2). Choosing Rcomp to
set high frequency integrator gain for fast transient
response and Ccomp to set the integrator zero to
maintain loop stability.
Boost Over Voltage Protection
The boost converter has an over voltage protection to
protect the switch at the SWI pin. When the SWI
voltage rises above 21.5V(Typ.), the boost converter
will turns the MOS off and stop switching. Until the
output voltage falls below the over voltage threshold,
the converter will resume operation.
Boost Over Current Protection
The internal power MOS switch current is monitored
cycle-by-cycle and it's limited to set by R[03h] that the
value
not
exceed
3.4A(Typ.).
But
in
external
mode(R[20h]=0x01H), the OCP level can be set by
RCS(As Figure 2) and senses inductor current to
compare with current limit value. When the inductor
current exceeds the current limit, the switching will
turns off immediately. It prevents large current
damaging the external component.
Boost Under Voltage Protection
When SWO voltage is under 80% of the setting, the
LP6288 activation an internal timer. if the fault status
continues for 50ms, LP6288 will be shut down.
Boost Short Circuit Protection
The LP6288 incorporates an short circuit protection to
protect itself and external component. Any voltage
sense is lower than 40% of the setting voltage level, it
will be shut down immediately until VIN power cycled.
Input Capacitor Selection
For
better
input
bypassing,
low-ESR
ceramic
capacitors are recommended for performance. A 2
0μF
input capacitor is sufficient for most applications. For a
lower output power requirement application, this value
can be decreased.
Boost Diode Selection
To achieve high efficiency, Schottky diode is good
choice for low forward drop voltage and fast switching
time. The output diode rating should be able to handle
the
maximum
output
voltage,
average
power
dissipation and the pulsating diode peak current.
Output Capacitor Selection
For lower output voltage ripple, low-ESR ceramic
capacitors
are
recommended.
The
tantalum
capacitors can be used as well, but the ESR is bigger
than ceramic capacitor. The output voltage ripple
consists of two components: one is the pulsating
output ripple current flows through the ESR, and the
other is the capacitive ripple caused by charging and
discharging.
VRIPPLE
=V
RIPPLE(ESR)+VRIPPLE(C)
≅I
PEAK×RESR+
IPEAK
COUT
VOUT-VIN
VOUT×FOSC
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low-ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated noise
in sensitive applications. The maximum peak inductor
current is the maximum input current plus the half of
inductor ripple current. The calculated peak current
has to be smaller than the current limitation in the
electrical characteristics. A typical setting of the
inductor ripple current is 20% to 40% of the maximum
input current. If the selection is 40%, the maximum
peak inductor current is
IPEAK
=I
IN(MAX)+0.5×IRIPPLE
=1.2×I
IN
(MAX)
=1.2×�IOUT(MAX)×VOUT
��������×V
IN
(MIN) �
The minimum inductance value is derived from the
following equation :
L
=��������×VIN(MIN)2×�VOUT-VIN(MIN)�
0.4×IOUT(MAX)×VOUT
2
×FOSC
Depending on the application, the recommended
inductor value is 6.8
μH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com