Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 21 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 21 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 21Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 22Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 23Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 24Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 21 of 24
LP6288
Version 0.1 JAN.-2018
Application Information (Continued)
Set Boost Soft Start Time (Register Address – 04H)
Soft Start Time (Base on 10ms)
Addr: 04H
Default Value : BST_SFT (Register)=0x00H, TSS=10ms
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R
R
R
R/W
0
0
0
0
0
0
0
BST_ SST [0]
BST_SST [0]
Register
Time (ms)
Register
Time (ms)
0
10
1
20
Set BKO1 Output Voltage (Register Address – 05H)
BKO1 Voltage
Addr: 05H
Default Value : BKO1 (Register)=0x0BH, VBKO1=3.3V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R/W
R/W
R/W
R/W
0
0
0
0
BKO1 [3]
BKO1 [2]
BKO1 [1]
BKO1 [0]
BKO1 [3:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
0000
2.2
0100
2.6
1000
3
1100
3.4
0001
2.3
0101
2.7
1001
3.1
1101
3.5
0010
2.4
0110
2.8
1010
3.2
1110
3.6
0011
2.5
0111
2.9
1011
3.3
1111
3.7
Set BKO2 Output Voltage (Register Address – 06H)
BKO2 Voltage
Addr: 06H
Default Value : BKO2 (Register)=0x04H, VBKO2=1.2V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R/W
R/W
R/W
R/W
R/W
0
0
0
BKO2 [4]
BKO2[3]
BKO2 [2]
BKO2[1]
BKO2[0]
BKO2 [5:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
00000
0.8
01000
1.6
10000
2.4
11000
3.2
00001
0.9
01001
1.7
10001
2.5
11001
3.3
00010
1
01010
1.8
10010
2.6
00011
1.1
01011
1.9
10011
2.7
00100
1.2
01100
2
10100
2.8
00101
1.3
01101
2.1
10101
2.9
00110
1.4
01110
2.2
10110
3
00111
1.5
01111
2.3
10111
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com