Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 22 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 22 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 21Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 22Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 23Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 24Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 22 of 24
LP6288
Version 0.1 JAN.-2018
Application Information (Continued)
Set BKO3 Output Voltage (Register Address – 07H)
BKO3 Voltage
Addr: 07H
Default Value : BKO3 (Register)=0x21H, VBKO3=8.1V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R/W
R/W
R/W
R/W
R/W
R/W
0
0
BKO3 [5]
BKO3 [4]
BKO3 [3]
BKO3 [2]
BKO3 [1]
BKO3 [0]
BKO3 [5:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
000000
4.8
010000
6.4
100000
8
110000
9.6
000001
4.9
010001
6.5
100001
8.1
110001
9.7
000010
5
010010
6.6
100010
8.2
110010
9.8
000011
5.1
010011
6.7
100011
8.3
110011
9.9
000100
5.2
010100
6.8
100100
8.4
110100
10
000101
5.3
010101
6.9
100101
8.5
110101
10.1
000110
5.4
010110
7
100110
8.6
110110
10.2
000111
5.5
010111
7.1
100111
8.7
110111
10.3
001000
5.6
011000
7.2
101000
8.8
111000
10.4
001001
5.7
011001
7.3
101001
8.9
111001
10.5
001010
5.8
011010
7.4
101010
9
111010
10.6
001011
5.9
011011
7.5
101011
9.1
111011
10.7
001100
6
011100
7.6
101100
9.2
111100
10.8
001101
6.1
011101
7.7
101101
9.3
111101
10.9
001110
6.2
011110
7.8
101110
9.4
111110
11
001111
6.3
011111
7.9
101111
9.5
111111
11.1
Set VGH Low Level Output Voltage (Register Address – 08H)
VGH_L Voltage
Addr: 08H
Default Value : VGH_L (Register)=0x08H, VGH_L=28V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R/W
R/W
R/W
R/W
0
0
0
0
VGH_L [3]
VGH_L [2]
VGH_L [1]
VGH_L [0]
VGH_L [3:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
0000
20
0100
24
1000
28
1100
32
0001
21
0101
25
1001
29
1101
33
0010
22
0110
26
1010
30
1110
34
0011
23
0111
27
1011
31
1111
35
Set VGH_H Output Voltage (Register Address – 09H)
VGH High Level Offset Voltage
Addr: 09H
Default Value : VGH_L (Register)=0x08H, VGH_H=8V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R/W
R/W
R/W
R/W
0
0
0
0
VGH_H [3]
VGH_H [2]
VGH_H [1]
VGH_H [0]
VGH_H [3:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
0000
0
0100
4
1000
8
1100
12
0001
1
0101
5
1001
9
1101
13
0010
2
0110
6
1010
10
1110
14
0011
3
0111
7
1011
11
1111
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com