Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 16 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 16 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 14Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 15Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 16 of 24
LP6288
Version 0.1 JAN.-2018
Application Information(Continued)
Positive Charge Pump (VGH)
The gate-high regulator is to provide the TFT-LCD
gate on voltage. The charge pump can provide a
programmable output voltage by register (R[08h] and
R[09h]. A temperature compensation for VGH is
implemented. The charge pump has an internal soft
start 3ms(Typ.).
VGH Temperature Compensation
When temperature compensation function is enabled,
the VGH voltage is dependent on VTC, and adjustable
from 20V to 40V. The VTC value can calculation as
below equation:
VTC=VL
× (R4//R7)
(R
4
//R
7
)+R6
VGH
=�VGH_L
, V
TC
≤1V
VGH_L
+V
GH_H
×(V
TC
−1), 1V<V
TC
<2V
VGH_L
+V
GH_H
, V
TC
≥2V
Figure
7
exhibited
the
VGH
temperature
compensation curve. When VTC under 1V, the VGH
voltage will be equal VGH_L register (R[08h]) setting
voltage, and VTC large than 2V, the VGH voltage will
be equal VGH_L register add VGH_H register
(R[09h]) setting voltage.
T2
T1
VTC=2V
Temp.
VGH_L
VGH
Volt.
VTC=1V
Setting by R[08],R[09]
Setting by R[08]
Slope control
by R6, R7, RNTC
Figure 7. VGH Temperature Compensation
Over Temperature Protection
The
LP6288
device
enters
over
temperature
protection(OTP) if its junction temperature exceeds
150°C (Typ.). During over temperature protection
none of the device's functions are available. To
resume normal operation the junction temperature
need cool down, and the outputs will restart.
Negative Charge Pump (VGL)
The gate-low regulator is to provide the TFT-LCD gate
on voltage. Operation of the negative linear regulator
is similar to the positive linear regulator. The charge
pump can provide a programmable output voltage by
internal register (R[0Bh]). The charge pump has an
internal soft start 3ms(Typ.).
Gate Pulse Modulator (GPM)
The GPM is controlled by the frame signals from
timing controller to modulate the Gate-On voltage,
VGHM, which acts a flicker compensation circuit to
reduce the coupling effect between gate lines and
pixels. It also can delay the Gate-On voltage while
power-on for achieving a correct power-on sequence
for gate driver ICs. Both of the power on delay time
and the falling time of the Gate-On voltage are
programmable by external capacitor and resistor.
The startup delay of high voltage switch control block
is controlled by VGH power ready signal. The
discharge slop is control by the VGHM pin gate
capacitance, and the DRN pin external resistor.
LP6288 can programmed gate pulse modulation stop
level by register. When the stop level voltage is
reached
the DRN function will stop, and VGHM
output is high impedance until GVOFF goes high
again.
EN
GVOFF
VGHM
VIN
TDLY
Delay time is control
by VGH power ready
The falling time can
control by RDRN
The GPM stop level
can control by R[0A]
Figure 8. GPM Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com