Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6288 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 1 of 24
LP6288
Version 0.1 JAN.-2018
Multi-Channel DC-DC Converter for LCD Panels
General Description
The LP6288 is a multi-channel Converter provides
six regulated voltage, it includes a boost and three
bucks regulators, VGH and VGL charge pump for
TFT LCDs. All output are programmable by IIC.
VAVDD boost and VHAVDD buck for the Source Driver
and the Gamma Buffer, VIO buck and VCORE buck for
T-CON, VGH and VGL dual charge pump for the
Gate Driver or the Level Shifter. VGH rail can be
temperature compensated with GIP technology.
Otherwise, High Voltage Stress Mode(HVS) for VAVDD
and VHAVDD and the integrated VAVDD Isolation Switch
is implemented. VCORE, VHAVDD, VGH, VGL, GPM and
the VGH temperature compensation can be enabled
and disabled by IIC programming.
Other
features
include
short
circuit
protection,
thermal shutdown protection and under-voltage
lockout (UVLO). The
LP6288 is available in a space
saving QFN-40 (0.5mm pitch) package.
Order Information
LP6288□□□
F: Green
Package Type
QV: QFN-40
Features
Wide VIN Range: 8V to 14V
Current-Mode Boost Regulator
Isolation Switch
13.5 to 19.8 Programmable Output Voltage
Current Limit Protection
Optional External Switching NMOS Control
Buck Regulator for VIO
2.2V to 3.7V Programmable Output
3A Current Limit Protection
Buck Regulator for VCore
0.8V to 3.3V Programmable Output
2.5A Current Limit Protection
Buck Regulator for VHAVDD
4.8V to 11.1V Programmable Output
1.7A Current Limit Protection
Positive Charge Pump for VGH
20V to 40V Programmable Output
0V to 15V Gate Shaping Voltage
Temperature Compensation
Negative Charge Pump for VGL
-5.5V to -14.5V Output Voltage
Reset Function for XAO
Under-Voltage Protection
Over-Temperature Protection
IIC Compatible Interface for Register Control
Available in QFN-40 (6×6mm)
RoHS Compliant and Halogen Free
Pb-Free Package
Applications
TFT LCD TV
TFT LCD Monitor
TFT LCD Panel
Marking Information
Device
Marking
Package
Shipping
LP6288
LPS
LP6288
YWX
QFN-40
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP6288

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
Dual Channel Output LCD Bias Power
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
LP6283 POWER-LP6283 Datasheet
529Kb / 10P
Power Management ICs for TV / Monitor
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
More results

Similar Description - LP6288

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5521 GMT-G5521 Datasheet
272Kb / 2P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
logo
Fitipower Integrated Te...
FP6783 FITIPOWER-FP6783 Datasheet
435Kb / 11P
Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
FP9928A FITIPOWER-FP9928A Datasheet
656Kb / 18P
Integrated Multi-Channel DC-DC Converters for Panels
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com