Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 7 of 24
LP6288
Version 0.1 JAN.-2018
Electrical Characteristics
(TA=25°C, VLI= VBKI1,3=12V, VAVDD=16.8V, VIO=3.3V, VCORE=1.2V, VHAVDD=8.1V, VGH=28V, VGL=-10.3V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
VLI Input Supply Voltage
VVLI
8
14
V
Internal Oscillator Frequency
FOSC
600
750
900
kHz
VIN Supply Current
IQ
All LX Not Switching
0.2
mA
All LX Switching
7
mA
Input UVLO Threshold
VUVLO
VIN Rising
7.4
V
UVLO Threshold Hysteresis
ΔVUVLO
Falling Hysteresis
400
mV
Maximum Duty Cycle
DMAX
90
%
Fault Trigger Duration
TFault
50
ms
Thermal Shutdown Threshold
TSD
Temperature Rising
150
°C
Thermal Shutdown Hysteresis
ΔTSD
30
°C
Internal Regulator
VL Output Voltage
VVL
5
V
VL Output Voltage Tolerance
ΔVVL
-1
1
%
Logic Input (SDA, SCL, Addr, HVS, EN, GVOFF)
Input Leakage Current
(SDA, SCL, Addr, EN, GVOFF)
IIH, IIL
VIN=0V or VIN=3.3V
0.1
uA
Input Threshold Voltage
VIH
Logic High.
1.7
V
VIL
Logic Low
0.6
IIC Output Low Voltage
VIIC
ISink=6mA
0.3
V
Reset Function
RST Output Voltage
VRST
ISink=1mA
0.2
0.4
V
Voltage Detection Level
VRST
VVLI falling
8.9
V
Rising Hysteresis
300
mV
Gate Pulse Modulator (GPM)
Gate Shaping Lower Limit Voltage
Programmable Step 5V
0
15
V
VGHM Switch ON Resistance
RDS_GHM
GVOFF = 'H'
3
5
Ω
DRN Switch ON Resistor
RDS_DRN
GVOFF = 'L'
3
5
Ω
GVOFF to VGHM Delay Time
0.15
0.25
0.35
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com