Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 20 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 20 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 21Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 22Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 23Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 24Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 20 of 24
LP6288
Version 0.1 JAN.-2018
Application Information (Continued)
Set Boost Output Voltage (Register Address – 01H)
Boost Output Voltage
Addr: 01H
Default Value : BST_O (Register)=0x21H, AVDD=16.8V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R/W
R/W
R/W
R/W
R/W
R/W
0
0
BST_O[5]
BST_O[4]
BST_O[3]
BST_O[2]
BST_O[1]
BST_O[0]
BST_O [5:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
000000
13.5
010000
15.1
100000
16.7
110000
18.3
000001
13.6
010001
15.2
100001
16.8
110001
18.4
000010
13.7
010010
15.3
100010
16.9
110010
18.5
000011
13.8
010011
15.4
100011
17.0
110011
18.6
000100
13.9
010100
15.5
100100
17.1
110100
18.7
000101
14.0
010101
15.6
100101
17.2
110101
18.8
000110
14.1
010110
15.7
100110
17.3
110110
18.9
000111
14.2
010111
15.8
100111
17.4
110111
19
001000
14.3
011000
15.9
101000
17.5
111000
19.1
001001
14.4
011001
16.0
101001
17.6
111001
19.2
001010
14.5
011010
16.1
101010
17.7
111010
19.3
001011
14.6
011011
16.2
101011
17.8
111011
19.4
001100
14.7
011100
16.3
101100
17.9
111100
19.5
001101
14.8
011101
16.4
101101
18.0
111101
19.6
001110
14.9
011110
16.5
101110
18.1
111110
19.7
001111
15.0
011111
16.6
101111
18.2
111111
19.8
Set Boost HVS Output Voltage (Register Address – 02H)
HVS Voltage
Addr: 02H
Default Value : BST_HVS (Register)=0x08H, HVS=1.6V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R/W
R/W
R/W
R/W
0
0
0
0
BST_HVS [3]
BST_HVS [2]
BST_HVS [1]
BST_HVS [0]
BST_HVS [3:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
0000
0.0
0100
0.8
1000
1.6
1100
2.4
0001
0.2
0101
1
1001
1.8
1101
2.6
0010
0.4
0110
1.2
1010
2.0
1110
2.8
0011
0.6
0111
1.4
1011
2.2
1111
3.0
Set Boost Current Limit (Register Address – 03H)
Current Limit (Negative Offset)
Addr: 03H
Default Value : BST_ILIM (Register)=0x04H, ILIM=1.6A
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R
R/W
R/W
R/W
0
0
0
0
0
BST_ ILIM [2]
BST_ ILIM [1]
BST_ ILIM [0]
BST_ILIM [2:0]
Register
Current (A)
Register
Current (A)
Register
Current (A)
Register
Current (A)
000
0.0
010
0.8
100
1.6
110
2.4
001
0.4
011
1.2
101
2
111
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com