Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 14Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 10 of 24
LP6288
Version 0.1 JAN.-2018
Electrical Characteristics (Continued)
(TA=25°C, VLI= VBKI1,3=12V, VAVDD=16.8V, VIO=3.3V, VCORE=1.2V, VHAVDD=8.1V, VGH=28V, VGL=-10.3V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Negative Charge Pump Controller (VGL)
Charge Pump Soft Start Time
TSS_CPN
3
ms
VGL Output Voltage Range
VGL
Programmable Step -0.5V
-14.5
-5.5
V
Regulation Voltage Tolerance
-1
+1
%
DRVN Source Current
IDRVN
VDRVN=0.6V
5
8
mA
VGL Load Regulation Error
VDRVN=0.6V,
-50uA<IDRVN< -1mA
11
25
V/A
VGL Fault Trip Level
VGL Rising
75
80
85
%
Positive Charge Pump Controller (VGH)
Charge Pump Soft Start Time
TSS_CPP
3
ms
VGH Output Voltage Range
VGH
VGH=VGH_L+VGH_H
20
40
V
VGH_L Regulation Voltage Range
VGH_L
Programmable Step 1V
20
35
V
VGH Offset Voltage
VGH_H
Programmable Step 1V
0
15
V
Regulation Voltage Tolerance
-2
+2
%
DRVP Source Current
IDRVP
VGH=VGH-5%
5
mA
VGH<20%
80
uA
VGH Load Regulation Error
VDRVP=16V,
50uA<IDRVN< 1mA
11
25
V/A
VGH Fault Trip Level
VGH Falling
75
80
85
%
IIC Timer Characteristics
Serial Clock Frequency
FSCL
0
1
MHz
Bus Free Time Between STOP and
START Conditions
tBUF
1.3
us
Hold Time (Repeated) START
Condition
tHD, DAT
0.6
us
SCL Pulse-Width Low
tLOW
1.3
us
SCL Pulse-Width High
tHIGH
0.6
us
Setup Time for a Repeated START
Condition
tSU,STA
0.6
us
Data Hold Time
tHD, DAT
800
ns
Data Setup Time
tSU, DAT
100
ns
SDA and SCL Receiving Rise/Fall
Time
tR,F
20+0.1
CB
300
ns
SDA Transmitting Fall Time
tFF
20+0.1
CB
250
ns
Setup Time for STOP Condition
tSU,STO
0.6
us
Bus Capacitance
CB
400
pF
Pulse Width of Suppressed Spike
tSP
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com