Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 2 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 2 Page - Microchip Technology

  ATXMEGA8E5 Datasheet HTML 1Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 2Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 3Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 4Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 5Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 6Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 7Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 8Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 2
ATxmega32E5/16E5/8E5
Two USARTs with full-duplex and single wire half-duplex configuration
Master SPI mode
Support custom protocols with configurable data frame length up to 256-bit
System wake-up from deep sleep modes when used with internal 8MHz oscillator
One two-wire interface with dual address match (I2C and SMBus compatible)
Bridge configuration for simultaneous master and slave operation
Up to 1MHz bus speed support
One serial peripheral interface (SPI)
16-bit real time counter with separate oscillator and digital correction
One sixteen-channel, 12-bit, 300ksps Analog to Digital Converter with:
Offset and gain correction
Averaging
Over-sampling and decimation
One two-channel, 12-bit, 1Msps Digital to Analog Converter
Two Analog Comparators with window compare function and current sources
External interrupts on all general purpose I/O pins
Programmable watchdog timer with separate on-chip ultra low power oscillator
QTouch® library support
Capacitive touch buttons, sliders and wheels
Special microcontroller features
Power-on reset and programmable brown-out detection
Internal and external clock options with PLL
Programmable multilevel interrupt controller
Five sleep modes
Programming and debug interface
PDI (Program and Debug Interface)
I/O and Packages
26 programmable I/O pins
7x7mm 32-lead TQFP
5x5mm 32-lead VQFN
4x4mm 32-lead UQFN
Operating Voltage
1.6 – 3.6V
Operating frequency
0 – 12MHz from 1.6V
0 – 32MHz from 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com