Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 17 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 13Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 14Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 15Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 16Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 17Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 18Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 19Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 20Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 17
ATxmega32E5/16E5/8E5
8. Memories
8.1
Features
Flash program memory
One linear address space
In-system programmable
Self-programming and boot loader support
Application section for application code
Application table section for application code or data storage
Boot section for application code or bootloader code
Separate read/write protection lock bits for all sections
Built in fast CRC check of a selectable flash program memory section
Data memory
One linear address space
Single-cycle access from CPU
SRAM
EEPROM
Byte and page accessible
Memory mapped for direct load and store
I/O memory
Configuration and status registers for all peripherals and modules
Four bit-accessible general purpose registers for global variables or flags
Bus arbitration
Deterministic handling of priority between CPU, EDMA controller, and other bus masters
Separate buses for SRAM, EEPROM, and I/O memory
Simultaneous bus access for CPU and EDMA controller
Production signature row memory for factory programmed data
ID for each microcontroller device type
Serial number for each device
Calibration bytes for factory calibrated peripherals
User signature row
One flash page in size
Can be read and written from software
Content is kept after chip erase
8.2
Overview
The AVR architecture has two main memory spaces, the program memory and the data memory. Executable code can
reside only in the program memory, while data can be stored in the program memory and the data memory. The data mem-
ory includes the internal SRAM, and EEPROM for nonvolatile data storage. All memory spaces are linear and require no
memory bank switching. Nonvolatile memory (NVM) spaces can be locked for further write and read/write operations. This
prevents unrestricted access to the application software.
A separate memory section contains the fuse bytes. These are used for configuring important system functions, and can
only be written by an external programmer.
The available memory size configurations are shown in “Ordering Information” on page 8”. In addition, each device has a
Flash memory signature row for calibration data, device identification, serial number etc.
8.3
Flash Program Memory
The AVR XMEGA devices contain on-chip, in-system reprogrammable flash memory for program storage. The flash mem-
ory can be accessed for read and write from an external programmer through the PDI or from application software running
in the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com