Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 68 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 68 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 64Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 65Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 66Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 67Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 68Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 69Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 70Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 71Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 68
ATxmega32E5/16E5/8E5
33. Peripheral Module Address Map
The address maps show the base address for each peripheral and module in XMEGA E5. For complete register description
and summary for each peripheral module, refer to the XMEGA E Manual.
Table 33-1.
Peripheral Module Address Map
Base Address
Name
Description
0x0000
GPIO
General Purpose IO Registers
0x0010
VPORT0
Virtual Port A
0x0014
VPORT1
Virtual Port C
0x0018
VPORT2
Virtual Port D
0x001C
VPORT3
Virtual Port R
0x0030
CPU
CPU
0x0040
CLK
Clock Control
0x0048
SLEEP
Sleep Controller
0x0050
OSC
Oscillator Control
0x0060
DFLLRC32M
DFLL for the 32MHz Internal Oscillator
0x0070
PR
Power Reduction
0x0078
RST
Reset Controller
0x0080
WDT
Watch-Dog Timer
0x0090
MCU
MCU Control
0x00A0
PMIC
Programmable Multilevel Interrupt Controller
0x00B0
PORTCFG
Port Configuration
0x00D0
CRC
CRC Module
0x0100
EDMA
Enhanced DMA Controller
0x0180
EVSYS
Event System
0x01C0
NVM
Non Volatile Memory (NVM) Controller
0x0200
ADCA
Analog to Digital Converter on port A
0x0300
DACA
Digital to Analog Converter on port A
0x0380
ACA
Analog Comparator pair on port A
0x0400
RTC
Real Time Counter
0x0460
XCL
XMEGA Custom Logic Module
0x0480
TWIC
Two-Wire Interface on port C
0x0600
PORTA
Port A
0x0640
PORTC
Port C
0x0660
PORTD
Port D
0x07E0
PORTR
Port R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com