Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 98 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 98 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 94Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 95Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 96Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 97Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 98Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 99Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 100Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 101Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 98
ATxmega32E5/16E5/8E5
36.15 Two-Wire Interface Characteristics
Table 36-6 on page 83 describes the requirements for devices connected to the two-wire interface (TWI) Bus. The AVR
XMEGA TWI meets or exceeds these requirements under the noted conditions. Timing symbols refer to Figure 36-7.
Figure 36-7. Two-wire Interface Bus Timing
Table 36-30. Two-wire Interface Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input high voltage
0.7VCC
VCC+0.5
V
VIL
Input low voltage
-0.5
0.3VCC
Vhys
Hysteresis of Schmitt trigger
inputs
0.05VCC(1)
VOL
Output low voltage
3mA, sink current
0
0.4
IOL
Low level output current
fSCL ≤ 400kHz
VOL = 0.4V
3
mA
fSCL ≤ 1MHz
20
tr
Rise time for both SDA and SCL
fSCL ≤ 400kHz
20+0.1Cb(1)(2)
300
ns
fSCL ≤ 1MHz
120
tof
Output fall time from VIHmin to
VILmax
10pF<
Cb<400pF(2)
fSCL ≤
400kHz
20+0.1Cb(1)(2)
250
fSCL ≤ 1MHz
120
tSP
Spikes suppressed by Input filter
0
50
II
Input current for each I/O Pin
0.1 VCC <VI <0.9 VCC
-10
10
µA
CI
Capacitance for each I/O Pin
10
pF
fSCL
SCL clock frequency
fPER(3) > max(10fSCL,250kHz)
0
1
MHz
RP
Value of pull-up resistor
fSCL ≤ 100kHz
(VCC-0.4V)/
IOL
100ns/Cb
Ω
fSCL ≤ 400kHz
300ns/Cb
fSCL ≤ 1MHz
550ns/Cb
tHD;STA
Hold time (repeated) START
condition
fSCL ≤ 100kHz
4
µs
fSCL ≤ 400kHz
0.6
fSCL ≤ 1MHz
0.26
tHD;STA
tof
SDA
SCL
tLOW
tHIGH
tSU;STA
tBUF
tr
tHD;DAT
tSU;DAT
tSU;STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com