Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 86 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 86 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 82Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 83Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 84Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 85Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 86Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 87Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 88Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 89Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 86
ATxmega32E5/16E5/8E5
36.7 DAC Characteristics
Table 36-11. Power Supply, Reference, and Output Range
Table 36-12. Clock and Timing
Gain error
0.5x gain
-1
%
1x gain
-1
8x gain
-1
64x gain
-1.5
Offset error,
input referred
0.5x gain
10
mV
1x gain
5
8x gain
5
64x gain
5
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
AVCC
Analog supply voltage
VCC- 0.3
VCC+ 0.3
AVREF
External reference voltage
1.0
VCC- 0.6
V
Rchannel
DC output impedance
50
Linear output voltage range
0.15
VREF-0.15
V
RAREF
Reference input resistance
>10
M
CAREF
Reference input capacitance
Static load
7
pF
Minimum Resistance load
1
k
Maximum capacitance load
100
pF
1000
 serial resistance
1
nF
Output sink/source
Operating within accuracy
specification
AVCC/1000
mA
Safe operation
10
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
fDAC
Conversion
rate
Cload=100pF,
maximum step size
Normal mode
0
1000
ksps
Low power mode
0
500
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com