Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 27 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 27 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 23Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 24Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 25Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 26Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 27Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 28Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 29Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 30Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 27
ATxmega32E5/16E5/8E5
Figure 11-1. The Clock System, Clock Sources, and Clock Distribution
11.3 Clock Sources
The clock sources are divided in two main groups: internal oscillators and external clock sources. Most of the clock sources
can be directly enabled and disabled from software, while others are automatically enabled or disabled, depending on
peripheral settings. After reset, the device starts up running from the 2MHz output of the 8MHz internal oscillator. The other
clock sources, DFLL and PLL, are turned off by default.
The internal oscillators do not require any external components to run. For details on characteristics and accuracy of the
internal oscillators, refer to the device datasheet.
11.3.1
32kHz Ultra Low Power Internal Oscillator
This oscillator provides an approximate 32kHz clock. The 32kHz ultra low power (ULP) internal oscillator is a very low
power clock source, and it is not designed for high accuracy. The oscillator employs a built-in prescaler that provides a
1kHz output. The oscillator is automatically enabled/disabled when it is used as clock source for any part of the device. This
oscillator can be selected as the clock source for the RTC.
Real Time
Counter
Peripherals
RAM
AVR CPU
Non-Volatile
Memory
Watchdog
Timer
Brown-out
Detector
System Clock Prescalers
System Clock Multiplexer
(SCLKSEL)
32 kHz
Int. ULP
32.768 kHz
Int. OSC
32.768 kHz
TOSC
8MHz
Int. Osc
32 MHz
Int. Osc
0.4 – 16 MHz
XTAL
PLL
clkSYS
clkRTC
clkPER2
clkPER
clkCPU
clkPER4
XOSCSEL
RTCSRC
PLLSRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com