Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 46 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 46 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 42Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 43Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 44Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 45Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 46Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 47Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 48Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 49Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 46
ATxmega32E5/16E5/8E5
21. RTC – 16-bit Real-Time Counter
21.1 Features
16-bit resolution
Selectable clock source
32.768kHz external crystal
External clock
32.768kHz internal oscillator
32kHz internal ULP oscillator
Programmable 10-bit clock prescaling
One compare register
One period register
Clear counter on period overflow
Optional interrupt/event on overflow and compare match
Correction for external crystal oscillator frequency error down to ±0.5ppm accuracy
21.2 Overview
The 16-bit real-time counter (RTC) is a counter that typically runs continuously, including in low power sleep modes, to
keep track of time. It can wake up the device from sleep modes and/or interrupt the device at regular intervals.
The reference clock is typically the 1.024kHz output from a high-accuracy crystal of 32.768kHz, and this is the configuration
most optimized for low power consumption. The faster 32.768kHz output can be selected if the RTC needs a resolution
higher than 1ms. The RTC can also be clocked from an external clock signal, the 32.768kHz internal oscillator or the 32kHz
internal ULP oscillator.
The RTC includes a 10-bit programmable prescaler that can scale down the reference clock before it reaches the counter.
A wide range of resolutions and time-out periods can be configured. With a 32.768kHz clock source, the maximum resolu-
tion is 30.5μs, and time-out periods can range up to 2000 seconds. With a resolution of 1s, the maximum timeout period is
more than 18 hours (65536 seconds). The RTC can give a compare interrupt and/or event when the counter equals the
compare register value, and an overflow interrupt and/or event when it equals the period register value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com