Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 84 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 84 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 80Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 81Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 82Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 83Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 84Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 85Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 86Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 87Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 84
ATxmega32E5/16E5/8E5
Table 36-8.
Clock and Timing
Table 36-9.
Accuracy Characteristics
Vin
Input range
0
VREF
V
Vin
Conversion range
Differential mode, Vinp - Vinn
-0.95*VREF
0.95*VREF
Vin
Conversion range
Single ended unsigned mode, Vinp
-0.05*VREF
0.95*VREF
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ClkADC
ADC Clock frequency
Maximum is 1/4 of Peripheral clock
frequency
100
1800
kHz
Measuring internal signals
125
fClkADC
Sample rate
16
300
ksps
fADC
Sample rate
Current limitation (CURRLIMIT) off
16
300
CURRLIMIT = LOW
250
CURRLIMIT = MEDIUM
150
CURRLIMIT = HIGH
50
Sampling Time
1/2 ClkADC cycle
0.25
5
µs
Conversion time (latency)
(RES+2)/2+(GAIN !=0)
RES (Resolution) = 8 or 12
6
10
ClkADC
cycles
Start-up time
ADC clock cycles
12
24
ADC settling time
After changing reference or input
mode
7
7
Symbol
Parameter
Condition(2)
Min.
Typ.
Max.
Units
RES
Resolution
12-bit resolution
Differential
8
12
12
Bits
Single ended signed
7
11
11
Single ended unsigned
8
12
12
INL(1)
Integral non-linearity
Differential
mode
16ksps, VREF = 3V
1
lsb
16ksps, VREF = 1V
2
300ksps, VREF = 3V
1
300ksps, VREF = 1V
2
Single ended
unsigned mode
16ksps, VREF = 3.0V
1
1.5
16ksps, VREF = 1.0V
2
3
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com