Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 95 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 95 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 91Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 92Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 93Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 94Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 95Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 96Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 97Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 98Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 95
ATxmega32E5/16E5/8E5
Note:
1.
Numbers for negative impedance are not tested in production but guaranteed from design and characterization.
36.13.8
External 32.768kHz Crystal Oscillator and TOSC Characteristics
Table 36-28. External 32.768kHz Crystal Oscillator and TOSC Characteristics
Note:
1.
See Figure 36-4 for definition.
Figure 36-4. TOSC Input Capacitance
The parasitic capacitance between the TOSC pins is CL1 + CL2 in series as seen from the crystal when oscillating without
external capacitors.
CXTAL1
Parasitic capacitance
XTAL1 pin
5.4
pF
CXTAL2
Parasitic capacitance
XTAL2 pin
7.1
CLOAD
Parasitic capacitance
load
3.07
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ESR/R1
Recommended crystal equivalent
series resistance (ESR)
Crystal load capacitance 6.5pF
60
k
Crystal load capacitance 9.0pF
35
CTOSC1
Parasitic capacitance TOSC1 pin
5.3
pF
CTOSC2
Parasitic capacitance TOSC2 pin
7.4
Recommended safety factor
capacitance load matched to crystal
specification
3.0
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
CL1
CL2
2
C
S
O
T
1
C
S
O
T
Device internal
External
32.768kHz crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com