Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 1 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 1 Page - Microchip Technology

  ATXMEGA8E5 Datasheet HTML 1Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 2Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 3Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 4Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 5Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 6Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 7Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 8Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 1
Features
High-performance, low-power AVR® XMEGA® 8/16-bit Microcontroller
Nonvolatile program and data memories
8K –32KB of in-system self-programmable flash
2K – 4KB boot section
512Bytes – 1KB EEPROM
1K – 4KB internal SRAM
Peripheral features
Four-channel enhanced DMA controller with 8/16-bit address match
Eight-channel event system
Asynchronous and synchronous signal routing
Quadrature encoder with rotary filter
Three 16-bit timer/counters
One timer/counter with four output compare or input capture channels
Two timer/counter with two output compare or input capture channels
High resolution extension enabling down to 4ns PWM resolution
Waveform extension for control of motor, LED, lighting, H-bridge, high drives, and more
Fault extension for safe and deterministic handling and/or shut-down of external driver
CRC-16 (CRC-CCITT) and CRC-32 (IEEE 802.3) generator
XMEGA Custom Logic (XCL) module with timer, counter and logic functions
Two 8-bit timer/counters with capture/compare and 16-bit cascade mode
Connected to one USART to support custom data frame length
Connected to I/O pins and event system to do programmable logic functions
MUX, AND, NAND, OR, NOR, XOR, XNOR, NOT, D-Flip-Flop, D Latch, RS Latch
XMEGA® E5 Data Sheet
ATxmega32E5/16E5/8E5
Introduction
The AVR® XMEGA® E5 is a family of low power, high performance, and peripheral rich 8/16-bit microcon-
trollers based on the AVR enhanced RISC architecture. The XMEGA E5 is a 32-pins device ranging from
8KB to 32KB Flash, with 1KB to 4KB SRAM, 512Bytes to 1KB EEPROM and up to 4KB boot section. The
ATxmegaE5 devices operate at a maximum frequency of 32MHz. By executing instructions in a single
clock cycle, the devices achieve CPU throughput approaching one million instructions per second (MIPS)
per megahertz, allowing the system designer to optimize power consumption versus processing speed.


Similar Part No. - ATXMEGA8E5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA8E5 ATMEL-ATXMEGA8E5 Datasheet
2Mb / 145P
8/16-bit Atmel AVR XMEGA Microcontrollers
2013
ATXMEGA8E5-AU ATMEL-ATXMEGA8E5-AU Datasheet
2Mb / 145P
8/16-bit Atmel AVR XMEGA Microcontrollers
2013
ATXMEGA8E5-AUR ATMEL-ATXMEGA8E5-AUR Datasheet
2Mb / 145P
8/16-bit Atmel AVR XMEGA Microcontrollers
2013
ATXMEGA8E5-M4U ATMEL-ATXMEGA8E5-M4U Datasheet
2Mb / 145P
8/16-bit Atmel AVR XMEGA Microcontrollers
2013
ATXMEGA8E5-M4UR ATMEL-ATXMEGA8E5-M4UR Datasheet
2Mb / 145P
8/16-bit Atmel AVR XMEGA Microcontrollers
2013
More results

Similar Description - ATXMEGA8E5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MC9S12E128CFUE FREESCALE-MC9S12E128CFUE Datasheet
3Mb / 606P
MC9S12E128 Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
logo
Intel Corporation
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com