Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 64 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 64 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 60Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 61Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 62Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 63Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 64Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 65Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 66Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 67Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 64
ATxmega32E5/16E5/8E5
32. Pinout and Pin Functions
The device pinout is shown in “Pinout and Block Diagram” on page 10. In addition to general purpose I/O functionality, each
pin can have several alternate functions. This will depend on which peripheral is enabled and connected to the actual pin.
Only one of the pin functions can be used at time.
32.1 Alternate Pin Function Description
The tables below show the notation for all pin functions available and describe its function.
32.1.1
Operation/Power Supply
32.1.2
Port Interrupt Functions
32.1.3
Analog Functions
32.1.4
Timer/Counter and WEX Functions
32.1.5
Communication Functions
VCC
Digital supply voltage
AVCC
Analog supply voltage
GND
Ground
SYNC
Port pin with full synchronous and limited asynchronous interrupt function
ASYNC
Port pin with full synchronous and full asynchronous interrupt function
ACn
Analog Comparator input pin n
ACnOUT
Analog Comparator n Output
ADCn
Analog to Digital Converter input pin n
DACn
Digital to Analog Converter output pin n
AREF
Analog Reference input pin
OCnx
Output Compare Channel x for timer/counter n
OCnxLS
Output Compare Channel x Low Side for Timer/Counter n
OCnxHS
Output Compare Channel x High Side for Timer/Counter n
SCL
Serial Clock for TWI
SDA
Serial Data for TWI
SCLIN
Serial Clock In for TWI when external driver interface is enabled
SCLOUT
Serial Clock Out for TWI when external driver interface is enabled
SDAIN
Serial Data In for TWI when external driver interface is enabled
SDAOUT
Serial Data Out for TWI when external driver interface is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com