Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 83 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 83 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 79Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 80Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 81Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 82Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 83Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 84Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 85Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 86Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 83
ATxmega32E5/16E5/8E5
36.5 I/O Pin Characteristics
The I/O pins complies with the JEDEC LVTTL and LVCMOS specification and the high- and low-level input and output volt-
age limits reflect or exceed this specification.
Table 36-6. I/O Pin Characteristics
Notes:
1.
The sum of all IOH for PA[7:5] on PORTA must not exceed 100mA.
The sum of all IOH for PA[4:0] on PORTA must not exceed 200mA.
The sum of all IOH for PORTD and PORTR must not exceed 100mA.
The sum of all IOH for PORTC and PDI must not exceed 100mA.
2.
The sum of all IOL for PA[7:5] on PORTA must not exceed 100mA.
The sum of all IOL for PA[4:0] on PORTA must not exceed 100mA.
The sum of all IOL for PORTD and PORTR must not exceed 100mA.
The sum of all IOL for PORTC PDI must not exceed 100mA.
36.6 ADC Characteristics
Table 36-7. Power Supply, Reference, and Input Range
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IOH (1)/
IOL (2)
I/O pin source/sink current
-15
15
mA
VIH
High level input voltage,
except XTAL1 and RESET pin
VCC = 2.4 - 3.6V
0.7*VCC
VCC+0.5
V
VCC = 1.6 - 2.4V
0.8*VCC
VCC+0.5
VIL
Low level input voltage,
except XTAL1 and RESET pin
VCC = 2.4 - 3.6V
-0.5
0.3*VCC
VCC = 1.6 - 2.4V
-0.5
0.2*VCC
VOH
High level output voltage
VCC = 3.3V
IOH = -4mA
2.6
3.1
VCC = 3.0V
IOH = -3mA
2.1
2.7
VCC = 1.8V
IOH = -1mA
1.4
1.7
VOL
Low level output voltage
VCC = 3.3V
IOL = 8mA
0.20
0.76
VCC = 3.0V
IOL = 5mA
0.15
0.64
VCC = 1.8V
IOL = 3mA
0.10
0.46
IIN
Input leakage current
T = 25°C
<0.01
1.0
µA
RP
Pull/buss keeper resistor
27
k
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
AVCC
Analog supply voltage
VCC- 0.3
VCC+ 0.3
V
VREF
Reference voltage
1
AVCC- 0.6
Rin
Input resistance
Switched
4.5
k
Cin
Input capacitance
Switched
5
pF
RAREF
Reference input resistance
(leakage only)
>10
M
CAREF
Reference input capacitance
Static load
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com