Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 20 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 20 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 16Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 17Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 18Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 19Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 20Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 21Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 22Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 23Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 20
ATxmega32E5/16E5/8E5
8.5
Data Memory
The data memory contains the I/O memory, internal SRAM and EEPROM. The data memory is organized as one continu-
ous memory section, see Table 8-2 on page 21. To simplify development, I/O Memory, EEPROM and SRAM will always
have the same start addresses for all XMEGA devices.
Figure 8-2.
Data Memory Map (hexadecimal value)
8.6
EEPROM
AVR XMEGA E5 devices have EEPROM for nonvolatile data storage. It is memory mapped and accessed in normal data
space. The EEPROM supports both byte and page access. EEPROM allows highly efficient EEPROM reading and
EEPROM buffer loading. When doing this, EEPROM is accessible using load and store instructions. EEPROM will always
start at hexadecimal address 0x1000.
8.7
I/O Memory
The status and configuration registers for peripherals and modules, including the CPU, are addressable through I/O mem-
ory locations. All I/O locations can be accessed by the load (LD/LDS/LDD) and store (ST/STS/STD) instructions, which are
used to transfer data between the 32 registers in the register file and the I/O memory. The IN and OUT instructions can
address I/O memory locations in the range of 0x00 to 0x3F directly. In the address range 0x00 - 0x1F, single-cycle instruc-
tions for manipulation and checking of individual bits are available.
The I/O memory address for all peripherals and modules in XMEGA E5 is shown in the “Peripheral Module Address Map”
on page 68.
8.7.1
General Purpose I/O Registers
The lowest four I/O memory addresses are reserved as general purpose I/O registers. These registers can be used for
storing global variables and flags, as they are directly bit-accessible using the SBI, CBI, SBIS, and SBIC instructions.
8.8
Data Memory and Bus Arbitration
Since the data memory is organized as three separate sets of memories, the different bus masters (CPU, EDMA controller
read and EDMA controller write, etc.) can access different memory sections at the same time.
8.9
Memory Timing
Read and write access to the I/O memory takes one CPU clock cycle. A write to SRAM takes one cycle, and a read from
SRAM takes two cycles. For burst read (EDMA), new data are available every cycle. EEPROM page load (write) takes one
cycle, and three cycles are required for read. For burst read, new data are available every second cycle. Refer to the
instruction summary for more details on instructions and instruction timing.
Byte Address
ATxmega32E5
Byte Address
ATxmega16E5
Byte Address
ATxmega8E5
0
I/O Registers (4K)
0
I/O Registers (4K)
0
I/O Registers (4K)
FFF
FFF
FFF
1000
EEPROM (1K)
1000
EEPROM (512B)
1000
EEPROM (512B)
13FF
11FF
11FF
RESERVED
RESERVED
RESERVED
2000
Internal SRAM (4K)
2000
Internal SRAM (2K)
2000
Internal SRAM (2K)
2FFF
27FF
27FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com