Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 78 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 78 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 74Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 75Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 76Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 77Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 78Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 79Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 80Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 81Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 78
ATxmega32E5/16E5/8E5
36. Electrical Characteristics
All typical values are measured at T = 25°C unless other temperature condition is given. All minimum and maximum values
are valid across operating temperature and voltage unless other conditions are given.
36.1 Absolute Maximum Ratings
36.2 General Operating Ratings
The device must operate within the ratings listed in Table 36-1 in order for all other electrical characteristics and typical
characteristics of the device to be valid.
Table 36-1.
General Operating Conditions
Table 36-2.
Operating Voltage and Frequency
The maximum CPU clock frequency depends on VCC. As shown in Figure 36-1 the frequency vs. VCC curve is linear
between 1.8V < VCC <2.7V.
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Power supply voltage
-0.3
4
V
IVCC
Current into a VCC pin
200
mA
IGND
Current out of a Gnd pin
200
VPIN
Pin voltage with respect to Gnd and VCC
-0.5
VCC+0.5
V
IPIN
I/O pin sink/source current
-25
25
mA
TA
Storage temperature
-65
150
°C
Tj
Junction temperature
150
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Power supply voltage
1.6
3.6
V
AVCC
Analog supply voltage
1.6
3.6
TA
Temperature range
-40
85
°C
Tj
Junction temperature
-40
105
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ClkCPU
CPU clock frequency
VCC = 1.6V
0
12
MHz
VCC = 1.8V
0
12
VCC = 2.7V
0
32
VCC = 3.6V
0
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com