Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 28 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 28 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 24Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 25Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 26Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 27Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 28Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 29Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 30Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 31Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 28
ATxmega32E5/16E5/8E5
11.3.2
32.768kHz Calibrated Internal Oscillator
This oscillator provides an approximate 32.768kHz clock. It is calibrated during production to provide a default frequency
close to its nominal frequency. The calibration register can also be written from software for run-time calibration of the oscil-
lator frequency. The oscillator employs a built-in prescaler, which provides both a 32.768kHz output and a 1.024kHz
output.
11.3.3
32.768kHz Crystal Oscillator
A 32.768kHz crystal oscillator can be connected between the TOSC1 and TOSC2 pins and enables a dedicated low fre-
quency oscillator input circuit. A low power mode with reduced voltage swing on TOSC2 is available. This oscillator can be
used as a clock source for the system clock and RTC, and as the DFLL reference clock.
11.3.4
0.4 - 16MHz Crystal Oscillator
This oscillator can operate in four different modes optimized for different frequency ranges, all within 0.4 - 16MHz.
11.3.5
8MHz Calibrated Internal Oscillator
The 8MHz calibrated internal oscillator is the default system clock source after reset. It is calibrated during production to
provide a default frequency close to its nominal frequency. The calibration register can also be written from software for
run-time calibration of the oscillator frequency, e.g. to compensate for temperature induced frequency drift or when run‐
ning at a different supply voltage than the oscillator is calibrated at in production. The oscillator employs a built-in
prescaler, with 2MHz output. The default output frequency at start-up and after reset is 2MHz. A low power mode option
can be used to enable fast system wake-up from power-save mode. In all other modes, the low power mode can be
enabled to significantly reduce the power consumption of the internal oscillator.
11.3.6
32MHz Run-time Calibrated Internal Oscillator
The 32MHz run-time calibrated internal oscillator is a high-frequency oscillator. It is calibrated during production to provide
a default frequency close to its nominal frequency. A digital frequency looked loop (DFLL) can be enabled for automatic
run-time calibration of the oscillator to compensate for temperature and voltage drift and optimize the oscillator accuracy.
This oscillator can also be adjusted and calibrated to any frequency between 30 and 55MHz.
11.3.7
External Clock Sources
The XTAL1 and XTAL2 pins can be used to drive an external oscillator, either a quartz crystal or a ceramic resonator.
XTAL1 or pin 4 of port C (PC4) can be used as input for an external clock signal. The TOSC1 and TOSC2 pins are dedi-
cated to driving a 32.768kHz crystal oscillator.
11.3.8
PLL with 1x-31x Multiplication Factor
The built-in phase locked loop (PLL) can be used to generate a high-frequency system clock. The PLL has a user-select-
able multiplication factor of from 1 to 31. In combination with the prescalers, this gives a wide range of output frequencies
from all clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com