Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA8E5 Datasheet(PDF) 103 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 103 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 99Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 100Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 101Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 102Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 103Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 104Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 105Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 106Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 103
ATxmega32E5/16E5/8E5
Figure 37-7. Active mode Supply Current vs. VCC
fSYS = 32MHz internal oscillator prescaled to 8MHz
Figure 37-8. Active Mode Supply Current vs. VCC
fSYS = 32MHz internal oscillator
1.0
1.5
2.0
2.5
3.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Vcc [V]
Temperature
-40
25
85
105
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Vcc [V]
Temperature
-40
25
85
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com