Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 25Page - Microchip Technology USB3343 Datasheet HTML 26Page - Microchip Technology USB3343 Datasheet HTML 27Page - Microchip Technology USB3343 Datasheet HTML 28Page - Microchip Technology USB3343 Datasheet HTML 29Page - Microchip Technology USB3343 Datasheet HTML 30Page - Microchip Technology USB3343 Datasheet HTML 31Page - Microchip Technology USB3343 Datasheet HTML 32Page - Microchip Technology USB3343 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 29
USB334x
5.5.1.2
ULPI Clock Output Mode
When using ULPI Clock Output Mode, the USB334x generates the 60 MHz ULPI clock used by the Link. In this mode,
the REFCLK pin must be driven with the model-specific frequency, and the CLKOUT pin sources the 60 MHz ULPI
clock to the Link. When using ULPI Clock Output Mode, the system must not drive the CLKOUT pin following POR or
hardware reset with a voltage that exceeds the value of VIH_ED provided in Table 4-4. An example of ULPI Clock Output
Mode is shown in Figure 8-1
After the PLL has locked to the correct frequency, the USB334x generates the 60 MHz ULPI clock on the CLKOUT pin,
and de-asserts DIR to indicate that the PLL is locked. The USB334x will start the clock within the time specified in
Table 4-3, and it will be accurate to within ±500ppm. For Host applications the ULPI AutoResume bit should be enabled.
This is described in Section 6.4.1.4, "Host Resume K," on page 53.
When using ULPI Clock Output Mode, the edges of the reference clock do not need to be aligned in any way to the ULPI
interface signals. There is no need to align the phase of the REFCLK and the CLKOUT.
For the USB3341, USB3343, USB3346, and USB3347, the reference clock frequency required is shown in the Product
Identification System section.
5.5.2
REFCLK AMPLITUDE
The reference clock should be connected to the REFCLK pin as shown in the application diagrams, . The REFCLK pin
is designed to be driven with a square wave from 0V to VDD18 (USB3341, USB3346, and USB3347) or VDDIO
(USB3343), but can be driven with a square wave from 0V to as high as 3.6V. The USB334x uses only the positive edge
of the REFCLK.
If a digital reference is not available, the REFCLK pin can be driven by an analog sine wave that is AC coupled into the
REFCLK pin. If using an analog clock the DC bias should be set at the mid-point of the VDD18 supply using a bias
circuit as shown in Figure 5-5. The amplitude must be greater than 300mV peak to peak. The component values pro-
vided in Figure 5-5 are for example only. The actual values should be selected to satisfy system requirements.
The REFCLK amplitude must comply with the signal amplitudes shown in Table 4-5 and the duty cycle in Table 4-3.
FIGURE 5-4:
CONFIGURING THE USB334X FOR ULPI CLOCK OUTPUT MODE
CLKOUT
REFCLK
MCHP PHY
From PLL
Clock
Source
To PLL
Link
ULPI Clk In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com