Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 70 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 70 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 66Page - Microchip Technology USB3343 Datasheet HTML 67Page - Microchip Technology USB3343 Datasheet HTML 68Page - Microchip Technology USB3343 Datasheet HTML 69Page - Microchip Technology USB3343 Datasheet HTML 70Page - Microchip Technology USB3343 Datasheet HTML 71Page - Microchip Technology USB3343 Datasheet HTML 72Page - Microchip Technology USB3343 Datasheet HTML 73Page - Microchip Technology USB3343 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
USB334x
DS00002646A-page 70
2009-2018 Microchip Technology Inc.
7.1.2
CARKIT CONTROL REGISTERS
The following registers are used to set-up and enable the USB UART and USB Audio functions.
7.1.2.1
Carkit Control
Address = 19-1Bh (read), 19h (write), 1Ah (set), 1Bh (clear)
This register is used to program the USB334x into and out of the Carkit Mode. When entering the UART mode the Link
must first set the desired TxdEn and the RxdEn bits and then transition to Carkit Mode by setting the CarkitMode bit in
the Interface Control Register. When RxdEn is not set then the DATA[1] pin is held to a logic high.
If using USB UART mode, the UART data will appear at the SPK_L and SPK_R pins if the corresponding SpkLeftEn,
SpkRightEn, or MicEn switches are enabled.
If using USB Audio the TxdEn and RxdEn bits should not be set when the SpkLeftEn, SpkRightEn, or MicEn switches
are enabled. The USB single-ended receivers described in Section 5.2.1, "USB Transceiver," on page 25 are disabled
when either SpkLeftEn, SpkRightEn, or MicEn are set.
7.1.2.2
Carkit Interrupt Enable
Address = 1D-1Fh (read), 1Dh (write), 1Eh (set), 1Fh (clear)
Field Name
Bit
Access
Default
Description
CarkitPwr
0
rd
0b
Read only, 0.
IdGndDrv
1
rd/w/s/c
0b
Drives ID pin to ground
TxdEn
2
rd/w/s/c
0b
Connects UART TXD (DATA[0]) to DM
RxdEn
3
rd/w/s/c
0b
Connects UART RXD (DATA[1]) to DP
SpkLeftEn
4
rd/w/s/c
0b
Connects DM pin to SPK_L pin
SpkRightEn
5
rd/w/s/c
0b
Connects DP pin to SPK_R pin. See Note below.
MicEn
6
rd/w/s/c
0b
Connects DP pin to SPK_R pin. See Note below.
CarkitDataMC
7
rd/w/s/c
0b
When set the UPLI DATA[2] pin is changed from a
driven 0 to tri-state, when carkit mode is entered.
Note:
If SpkRightEn or MicEn are asserted the DP pin will be connected to SPK_R. To disconnect the DP pin
from the SPK_R pin both SpkrRightEn and MicEn must be set to de-asserted.
Field Name
Bit
Access
Default
Description
IdFloatRise
0
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from non-floating to floating. The IdPullup bit in the
OTG Control register should be set.
IdFloatFall
1
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from floating to non-floating. The IdPullup bit in the
OTG Control register should be set.
VdatDetIntEn
2
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the VDAT_DET
Comparator changes state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com