Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 63 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 63 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 59Page - Microchip Technology USB3343 Datasheet HTML 60Page - Microchip Technology USB3343 Datasheet HTML 61Page - Microchip Technology USB3343 Datasheet HTML 62Page - Microchip Technology USB3343 Datasheet HTML 63Page - Microchip Technology USB3343 Datasheet HTML 64Page - Microchip Technology USB3343 Datasheet HTML 65Page - Microchip Technology USB3343 Datasheet HTML 66Page - Microchip Technology USB3343 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 63
USB334x
7.0
ULPI REGISTER MAP
7.1
ULPI Register Array
The USB334x PHY implements all of the ULPI registers detailed in the ULPI revision 1.1 specification. The complete
USB334x ULPI register set is shown in Table 7-1. All registers are 8 bits. This table also includes the default state of
each register upon POR or de-assertion of RESETB, as described in Section 5.6.2, "Power On Reset (POR)," on
page 31. The RESET bit in the Function Control Register does not reset the bits of the ULPI register array. The Link
should not read or write to any registers not listed in this table.
The USB334x supports extended register access. The immediate register set (00-3Fh) can be accessed through either
a immediate address or an extended register address.
TABLE 7-1:
ULPI REGISTER MAP
Register Name
Default
State
Address (6bit)
Read
Write
Set
Clear
Vendor ID Low
24h
00h
---
Vendor ID High
04h
01h
---
Product ID Low
09h
02h
---
Product ID High
00h
03h
---
Function Control
41h
04-06h
04h
05h
06h
Interface Control
00h
07-09h
07h
08h
09h
OTG Control
06h
0A-0Ch
0Ah
0Bh
0Ch
USB Interrupt Enable Rising
1Fh
0D-0Fh
0Dh
0Eh
0Fh
USB Interrupt Enable Falling
1Fh
10-12h
10h
11h
12h
USB Interrupt Status (Note 7-1)
00h
13h
---
USB Interrupt Latch
00h
14h
---
Debug
00h
15h
---
Scratch Register
00h
16-18h
16h
17h
18h
Carkit Control
00h
19-1Bh
19h
1Ah
1Bh
Reserved
00h
1Ch
Carkit Interrupt Enable
00h
1D-1Fh
1Dh
1Eh
1Fh
Carkit Interrupt Status
00h
20h
---
Carkit Interrupt Latch
00h
21h
---
Reserved
00h
22-30h
HS Compensation Register
00h
31h
31h
-
-
USB-IF Charger Detection
00h
32h
32h
-
-
Headset Audio Mode
00
33
33
-
-
Reserved
00h
34-35h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com