Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 4Page - Microchip Technology USB3343 Datasheet HTML 5Page - Microchip Technology USB3343 Datasheet HTML 6Page - Microchip Technology USB3343 Datasheet HTML 7Page - Microchip Technology USB3343 Datasheet HTML 8Page - Microchip Technology USB3343 Datasheet HTML 9Page - Microchip Technology USB3343 Datasheet HTML 10Page - Microchip Technology USB3343 Datasheet HTML 11Page - Microchip Technology USB3343 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
USB334x
DS00002646A-page 8
 2009-2018 Microchip Technology Inc.
5DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
6DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
7DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
8DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
9DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
10
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is the MSB.
11
SPK_L
I/O,
Analog
N/A
USB switch in/out for DM signals.
12
SPK_R
I/O,
Analog
N/A
USB switch in/out for DP signals.
13
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
14
DM
I/O,
Analog
N/A
D- pin of the USB cable.
15
VDD33
Power
N/A
3.3V Regulator Output. A 1.0uF (<1 ohm ESR)
bypass capacitor to ground is required for regulator
stability. The bypass capacitor should be placed as
close as possible to the USB334x.
16
VBAT
Power
N/A
Regulator input. The regulator supply can be from
5.5V to 3.0V.
17
VBUS
I/O,
Analog
N/A
This pin is used for the VBUS comparator inputs and
for VBUS pulsing during session request protocol.
An external resistor, RVBUS, is required between this
pin and the USB connector.
18
ID
Input,
Analog
N/A
For device applications the ID pin is connected to
VDD33. For Host applications ID is grounded. For
OTG applications the ID pin is connected to the USB
connector.
19
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an 8.06kΩ (±1%)
resistor to ground, placed as close as possible to the
USB334x. Nominal voltage during ULPI operation is
0.8V.
20
REFCLK
Input,
CMOS
N/A
ULPI Clock Output Mode:
Model-specific reference clock pin.
See Product Identification System, Note 1.
Clock Input Mode:
60MHz ULPI Clock Input.
TABLE 2-1:
USB3341, USB3346, AND USB3347 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Direction/
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com