Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 64 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 64 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 60Page - Microchip Technology USB3343 Datasheet HTML 61Page - Microchip Technology USB3343 Datasheet HTML 62Page - Microchip Technology USB3343 Datasheet HTML 63Page - Microchip Technology USB3343 Datasheet HTML 64Page - Microchip Technology USB3343 Datasheet HTML 65Page - Microchip Technology USB3343 Datasheet HTML 66Page - Microchip Technology USB3343 Datasheet HTML 67Page - Microchip Technology USB3343 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
USB334x
DS00002646A-page 64
2009-2018 Microchip Technology Inc.
Note 7-1
Dynamically updates to reflect current status of interrupt sources.
7.1.1
ULPI REGISTER SET
The following registers are used for the ULPI interface.
7.1.1.1
Vendor ID Low
Address = 00h (read only)
7.1.1.2
Vendor ID High
Address = 01h (read only)
7.1.1.3
Product ID Low
Address = 02h (read only)
7.1.1.4
Product ID High
Address = 03h (read only)
Vendor Rid Conversion
00h
36-38h
36h
37h
38h
USB IO & Power Management
04h
39-3Bh
39h
3Ah
3Bh
Reserved
00h
3C-3Fh
Field Name
Bit
Access
Default
Description
Vendor ID Low
7:0
rd
24h
Microchip Vendor ID
Field Name
Bit
Access
Default
Description
Vendor ID High
7:0
rd
04h
Microchip Vendor ID
Field Name
Bit
Access
Default
Description
Product ID Low
7:0
rd
09h
Microchip Product ID
Field Name
Bit
Access
Default
Description
Product ID High
7:0
rd
00h
Microchip Product ID
TABLE 7-1:
ULPI REGISTER MAP (CONTINUED)
Register Name
Default
State
Address (6bit)
Read
Write
Set
Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com