Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 65 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 65 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 61Page - Microchip Technology USB3343 Datasheet HTML 62Page - Microchip Technology USB3343 Datasheet HTML 63Page - Microchip Technology USB3343 Datasheet HTML 64Page - Microchip Technology USB3343 Datasheet HTML 65Page - Microchip Technology USB3343 Datasheet HTML 66Page - Microchip Technology USB3343 Datasheet HTML 67Page - Microchip Technology USB3343 Datasheet HTML 68Page - Microchip Technology USB3343 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 65
USB334x
7.1.1.5
Function Control
Address = 04-06h (read), 04h (write), 05h (set), 06h (clear)
7.1.1.6
Interface Control
Address = 07-09h (read), 07h (write), 08h (set), 09h (clear)
Field Name
Bit
Access
Default
Description
XcvrSelect[1:0]
1:0
rd/w/s/c
01b
Selects the required transceiver speed.
00b: Enables HS transceiver
01b: Enables FS transceiver
10b: Enables LS transceiver
11b: Enables FS transceiver for LS packets (FS
preamble automatically pre-pended)
TermSelect
2
rd/w/s/c
0b
Controls the DP and DM termination depending on
XcvrSelect, OpMode, DpPulldown, and DmPulldown.
The DP and DM termination is detailed in Table 5-1.
OpMode
4:3
rd/w/s/c
00b
Selects the required bit encoding style during
transmit.
00b: Normal Operation
01b: Non-Driving
10b: Disable bit-stuff and NRZI encoding
11b: Reserved
Reset
5
rd/w/s/c
0b
Active high transceiver reset. This reset does not
reset the ULPI interface or register set. Automatically
clears after reset is complete.
SuspendM
6
rd/w/s/c
1b
Active low PHY suspend. When cleared the PHY will
enter Low Power Mode as detailed in Section 6.5,
"Low Power Mode," on page 55. Automatically set
when exiting Low Power Mode.
LPM Enable
7
rd/w/s/c
0b
When enabled the PLL start-up time is shortened to
allow fast start-up for LPM. The reduced PLL start-up
time is achieved by bypassing the VCO process
compensation which was done on initial start-up.
Field Name
Bit
Access
Default
Description
6-pin FsLsSerialMode
0
rd/w/s/c
0b
When asserted the ULPI interface is redefined to the
6-pin Serial Mode. The PHY will automatically clear
this bit when exiting serial mode.
3-pin FsLsSerialMode
1
rd/w/s/c
0b
When asserted the ULPI interface is redefined to the
3-pin Serial Mode. The PHY will automatically clear
this bit when exiting serial mode.
CarkitMode
2
rd/w/s/c
0b
When asserted the ULPI interface is redefined to the
Carkit interface. The PHY will automatically clear this
bit when exiting Carkit Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com