Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 73 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 73 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 69Page - Microchip Technology USB3343 Datasheet HTML 70Page - Microchip Technology USB3343 Datasheet HTML 71Page - Microchip Technology USB3343 Datasheet HTML 72Page - Microchip Technology USB3343 Datasheet HTML 73Page - Microchip Technology USB3343 Datasheet HTML 74Page - Microchip Technology USB3343 Datasheet HTML 75Page - Microchip Technology USB3343 Datasheet HTML 76Page - Microchip Technology USB3343 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 73
USB334x
7.1.3.2
USB-IF Charger Detection
Address = 32h (read / write)
Field Name
Bit
Access
Default
Description
VariSense
1:0
rd/w
00b
Used to lower the threshold of the squelch detector.
00: 100% (default)
01: 83%
10: 66.7%
11: 50%
Reserved
2
rd
0b
Read only, 0.
Reserved
3
rd
0b
Read only, 0.
PHYBoost
6:4
rd/w
000b
Used to change the output voltage of the Hi-Speed
transmitter
000: Nominal
001: +3.7%
010: +7.4%
011: +11.0%
100: +14.7%
101: +18.3%
110: +22.0%
111: +25.7%
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description
VDatSrcEn
0rd/w
0
VDAT_SRC voltage enable
0b: Disabled
1b: Enabled
IDatSinkEn
1rd/w
0
IDAT_SINK current sink and VDAT_DET comparator
enable
0b: Disabled, VDAT_DET = 0.
1b: Enabled
ContactDetectEn
2rd/w
0
IDP_SRC Enable
0b: Disabled
1b: Enabled
HostChrgEn
3
rd/w
0
Enable Charging Host Port Mode.
0b: Portable Device
1b: Charging Host Port. When the charging host port
bit is set the connections of VDAT_SRC, IDAT_SINK,
IDP_SRC, and VDAT_DET are reversed between DP
and DM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com