Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 52 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 52 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 48Page - Microchip Technology USB3343 Datasheet HTML 49Page - Microchip Technology USB3343 Datasheet HTML 50Page - Microchip Technology USB3343 Datasheet HTML 51Page - Microchip Technology USB3343 Datasheet HTML 52Page - Microchip Technology USB3343 Datasheet HTML 53Page - Microchip Technology USB3343 Datasheet HTML 54Page - Microchip Technology USB3343 Datasheet HTML 55Page - Microchip Technology USB3343 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
USB334x
DS00002646A-page 52
2009-2018 Microchip Technology Inc.
6.3.2
USB RECEIVER
The USB334x ULPI receiver fully supports HS, FS, and LS transmit operations. In all three modes the receiver detects
the start of packet and synchronizes to the incoming data packet. In the ULPI protocol, a received packet has the priority
and will immediately follow register reads and RXCMD transfers. Figure 6-8 shows a basic USB packet received by the
USB334x over the ULPI interface.
In Figure 6-8 the PHY asserts DIR to take control of the data bus from the Link. The assertion of DIR and NXT in the
same cycle contains additional information that Rxactive has been asserted. When NXT is de-asserted and DIR is
asserted, the RXCMD data is transferred to the Link. After the last byte of the USB receive packet is transferred to the
PHY, the linestate will return to idle.
The ULPI Full Speed receiver operates according to the UTMI / ULPI specification. In the Full Speed case, the NXT
signal will assert only when the Data bus has a valid received data byte. When NXT is low with DIR high, the RXCMD
is driven on the data bus.
In Full Speed, the USB334x will not issue a Rxactive de-assertion in the RXCMD until the DP/DM linestate transitions
to idle. This prevents the Link from violating the two Full Speed bit times minimum turn around time.
6.3.2.1
Disconnect Detection
A Hi-Speed host must detect a disconnect by sampling the transmitter outputs during the long EOP transmitted during
a SOF packet. The USB334x only looks for a Hi-Speed disconnect during the long EOP where the period is long enough
for the disconnect reflection to return to the host PHY. When a Hi-Speed disconnect occurs, the USB334x will return a
RXCMD and set the host disconnect bit in the USB Interrupt Status register.
When in FS or LS modes, the Link is expected to handle all disconnect detection.
6.3.2.2
Link Power Management (LPM) Token Receive
The USB334x is fully capable of receiving the Extended PID in the LPM token. When the LPM 0000b PID is received,
this information is passed to the Link as a normal receive packet. If the Link chooses to enter LPM suspend, the proce-
dure detailed in Section 6.5.3, "Link Power Management (LPM)," on page 57 can be followed.
6.4
USB334x Transmitter
The USB334x ULPI transmitter fully supports HS, FS, and LS transmit operations. Figure 6-1 shows the Hi-Speed, Full
Speed, and Low Speed transmitter block controlled by ULPI Protocol Block. Encoding of the USB packet follows the bit-
stuffing and NRZI outlined in the USB 2.0 specification. Many of these functions are reused between the HS and FS/LS
transmitters. When using the USB334x, Table 5-1 should always be used as a guideline on how to configure for various
FIGURE 6-8:
ULPI RECEIVE IN SYNCHRONOUS MODE
DIR
CLK
DATA[7:0]
STP
NXT
Rxd
Cmd
Idle
Turn
around
PID
D1
Rxd
Cmd
D2
Turn
around



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com