Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 83 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 83 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 79Page - Microchip Technology USB3343 Datasheet HTML 80Page - Microchip Technology USB3343 Datasheet HTML 81Page - Microchip Technology USB3343 Datasheet HTML 82Page - Microchip Technology USB3343 Datasheet HTML 83Page - Microchip Technology USB3343 Datasheet HTML 84Page - Microchip Technology USB3343 Datasheet HTML 85Page - Microchip Technology USB3343 Datasheet HTML 86Page - Microchip Technology USB3343 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 83
USB334x
FIGURE 9-1:
24-Pin Sawn QFN - USB3341 Only (CONTINUED)
Microchip Technology Drawing C04-143B MJ Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
24-Lead Very Thin Plastic Quad Flat, No Lead Package (MJ) – 4x4x0.9 mm Body [VQFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
D
Overall Width
Overall Length
Exposed Pad Length
Exposed Pad Width
Terminal Thickness
D2
E2
E
2.60
MILLIMETERS
0.20 REF
MIN
A3
MAX
4.00 BSC
2.50
Terminal Length
Terminal Width
L
b
0.50
0.30
K
Terminal-to-Exposed Pad
0.20
NOM
Standoff
A1
0.02
Overall Height
A
0.85
Pitch
e
0.50 BSC
Number of Terminals
N24
0.30
0.20
2.40
2.40
0.00
0.80
0.25
0.40
-
2.50
4.00 BSC
2.60
0.05
0.90
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com