Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 90 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 90 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 84Page - Microchip Technology USB3343 Datasheet HTML 85Page - Microchip Technology USB3343 Datasheet HTML 86Page - Microchip Technology USB3343 Datasheet HTML 87Page - Microchip Technology USB3343 Datasheet HTML 88Page - Microchip Technology USB3343 Datasheet HTML 89Page - Microchip Technology USB3343 Datasheet HTML 90Page - Microchip Technology USB3343 Datasheet HTML 91Page - Microchip Technology USB3343 Datasheet HTML 92Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
USB334x
DS00002646A-page 90
2009-2018 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB3341, USB3343, USB3346, USB3347
Temperature
Range:
Blank = -40
C to +85C
Package:
CP = 24-pin punched QFN for USB3343, USB3346 and USB3347
CP = 24-pin sawn QFN for USB3341
Tape and Reel
Option:
Blank = Standard packaging (tray)
TR
= Tape and Reel(2)
Examples:
a)
USB3341-CP
24-pin, QFN RoHS Compliant Package
(tray), sawn
b)
USB3341-CP-TR
24-pin, QFN RoHS Compliant Package
(tape and reel), sawn
c)
USB3343-CP
24-pin, QFN RoHS Compliant Package
(tray), punched
d)
USB3343-CP-TR
24-pin, QFN RoHS Compliant Package
(tape and reel), punched
e)
USB3346-CP
24-pin, QFN RoHS Compliant Package
(tray), punched
f)
USB3346-CP-TR
24-pin, QFN RoHS Compliant Package
(tape and reel), punched
g)
USB3347-CP
24-pin, QFN RoHS Compliant Package
(tray), punched
h)
USB3347-CP-TR
24-pin, QFN RoHS Compliant Package
(tape and reel), punched
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X](3)
Tape and Reel
Option
-
-
Note 1:
All versions support ULPI Clock In Mode
(60 MHz input at REFCLK)
2:
This product meets the halogen maximum
concentration values per IEC61249-2-21
3:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com