Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 38Page - Microchip Technology USB3343 Datasheet HTML 39Page - Microchip Technology USB3343 Datasheet HTML 40Page - Microchip Technology USB3343 Datasheet HTML 41Page - Microchip Technology USB3343 Datasheet HTML 42Page - Microchip Technology USB3343 Datasheet HTML 43Page - Microchip Technology USB3343 Datasheet HTML 44Page - Microchip Technology USB3343 Datasheet HTML 45Page - Microchip Technology USB3343 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
USB334x
DS00002646A-page 42
2009-2018 Microchip Technology Inc.
6.0
ULPI OPERATION
6.1
ULPI Introduction
The USB334x uses the industry standard ULPI digital interface for communication between the transceiver and Link
(device controller). The ULPI interface is designed to reduce the number of pins required to connect a discrete USB
transceiver to an ASIC or digital controller. For example, a full UTMI+ Level 3 OTG interface requires 54 signals while
a ULPI interface requires only 12 signals.
The ULPI interface is documented completely in the “UTMI+ Low Pin Interface (ULPI) Specification Revision 1.1”. The
following sections describe the operating modes of the USB334x digital interface.
Figure 6-1 illustrates the block diagram of the ULPI digital functions. It should be noted that this USB334x does not use
a “ULPI wrapper” around a UTMI+ PHY core as the ULPI specification implies.
The advantage of a “wrapper-less” architecture is that the USB334x has a lower USB latency than a design which must
first register signals into the PHY’s wrapper before the transfer to the transceiver core. A low latency PHY allows a wrap-
per around a UTMI Link to be used and still make the required USB turn-around timing required by the USB 2.0 speci-
fication.
FIGURE 6-1:
ULPI DIGITAL BLOCK DIAGRAM
NOTE:
The ULPI interface
is a wrapperless
design.
POR
ULPI Register Array
Interrupt Control
Data[7:0]
High Speed TX
Full Speed TX
Low Speed TX
High Speed Data
Recovery
Full / LowSpeed
Data Recovery
ULPI Protocol
Block
HS Tx Data
FS/LS Tx Data
HS RX Data
FS/LS Data
DIR
NXT
STP
Tx Data
Rx Data
USB Transmit and Receive Logic
RESETB
Rid State
Machine
To RX
Analog
To TX
Analog
To
OTG
Analog
To USB
Audio
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com