Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 13Page - Microchip Technology USB3343 Datasheet HTML 14Page - Microchip Technology USB3343 Datasheet HTML 15Page - Microchip Technology USB3343 Datasheet HTML 16Page - Microchip Technology USB3343 Datasheet HTML 17Page - Microchip Technology USB3343 Datasheet HTML 18Page - Microchip Technology USB3343 Datasheet HTML 19Page - Microchip Technology USB3343 Datasheet HTML 20Page - Microchip Technology USB3343 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 17
USB334x
Note 4-4
REFCLK does not need to be aligned in any way to the ULPI signals.
4.4
Digital IO Pins
Note:
CLoad = 10pF
TABLE 4-5:
DIGITAL IO CHARACTERISTICS: RESETB, STP, DIR, NXT, DATA[7:0], AND REFCLK
PINS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Low-Level Input Voltage
(USB3341, USB3346, and
USB3347)
VIL
VSS
0.4 *
VDD18
V
Low-Level Input Voltage
(USB3343)
VIL
VSS
0.8
V
High-Level Input Voltage
(USB3341, USB3346, and
USB3347)
VIH
0.68 *
VDD18
VDD18
V
High-Level Input Voltage
(USB3343)
VIH
0.68 *
VDDIO
VDDIO
V
High-Level Input Voltage
REFCLK and RESETB
(USB3341, USB3346, and
USB3347)
VIH_REF
0.68 *
VDD18
VDD33
V
High-Level Input Voltage
REFCLK and RESETB
(USB3343)
VIH_REF
0.68 *
VDDIO
VDD33
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
(USB3341, USB3346, and
USB3347)
VOH
IOH = -8mA
VDD18
- 0.4
V
High-Level Output Voltage
(USB3343)
VOH
IOH = -8mA
VDDIO-
0.4
V
Output rise time
TIORISE
CLOAD = 10pF
1.19
nS
Output fall time
TIOFALL
CLOAD = 10pF
1.56
nS
Input Leakage Current
ILI
±10
uA
Pin Capacitance
Cpin
4
pF
STP pull-up resistance
RSTP
InterfaceProtectDisable =
0
55
67
80
kΩ
DATA[7:0] pull-down
resistance
RDATA_PD
ULPI Synchronous Mode
55
67
77
kΩ
CLKOUT
External
Drive
(USB3341, USB3346, and
USB3347)
VIH_ED
At start-up or following
reset
0.4 *
VDD18
V
CLKOUT
External
Drive
(USB3343)
VIH_ED
At start-up or following
reset
0.4 *
VDDIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com