Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 28Page - Microchip Technology USB3343 Datasheet HTML 29Page - Microchip Technology USB3343 Datasheet HTML 30Page - Microchip Technology USB3343 Datasheet HTML 31Page - Microchip Technology USB3343 Datasheet HTML 32Page - Microchip Technology USB3343 Datasheet HTML 33Page - Microchip Technology USB3343 Datasheet HTML 34Page - Microchip Technology USB3343 Datasheet HTML 35Page - Microchip Technology USB3343 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
USB334x
DS00002646A-page 32
 2009-2018 Microchip Technology Inc.
5.7
USB On-The-Go (OTG)
The USB334x provides support for the USB OTG protocol. OTG allows the USB334x to be dynamically configured as
a host or peripheral depending on the type of cable inserted into the Micro-AB receptacle. When the Micro-A plug of a
cable is inserted into the Micro-AB receptacle, the USB device becomes the A-device. When a Micro-B plug is inserted,
the device becomes the B-device. The OTG A-device behaves similar to a Host while the B-device behaves similar to
a peripheral. The differences are covered in the “On-The-Go Supplement to the USB 2.0 Specification”. In applications
where only USB Host or USB Peripheral is required, the OTG Module is unused.
5.7.1
ID RESISTOR DETECTION
The ID pin of the USB connector is monitored by the ID pin of the USB334x to detect the attachment of different types
of USB devices and cables. For device only applications that do not use the ID signal the ID pin should be connected
to VDD33. The block diagram of the ID detection circuitry is shown in Figure 5-7 and the related parameters are given
in Table 4-9.
FIGURE 5-6:
ULPI START-UP TIMING
DIR
RESETB
STP
TSTART
REFCLK
T1
T2
T0
SUPPLIES
STABLE
PHY Drives Idle
DATA[7:0]
REFCLK valid
PHY Tri-States
PHY Tri-States
PHY Drives High
LINK Drives Low
RXCMD
IDLE
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com