Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 40Page - Microchip Technology USB3343 Datasheet HTML 41Page - Microchip Technology USB3343 Datasheet HTML 42Page - Microchip Technology USB3343 Datasheet HTML 43Page - Microchip Technology USB3343 Datasheet HTML 44Page - Microchip Technology USB3343 Datasheet HTML 45Page - Microchip Technology USB3343 Datasheet HTML 46Page - Microchip Technology USB3343 Datasheet HTML 47Page - Microchip Technology USB3343 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
USB334x
DS00002646A-page 44
2009-2018 Microchip Technology Inc.
in the following sections while the descriptions of the asynchronous modes are described in Section 6.5, "Low Power
Mode," on page 55, Section 6.6, "Full Speed/Low Speed Serial Modes," on page 58, and Section 6.7, "Carkit Mode," on
page 59.
6.1.2
ULPI INTERFACE TIMING IN SYNCHRONOUS MODE
The control and data timing relationships are given in Figure 6-2 and Table 4-4. All timing is relative to the rising clock
edge of the 60 MHz ULPI Clock.
6.2
ULPI Register Access
The following section details the steps required to access registers through the ULPI interface. At any time DIR is low
the Link may access the ULPI registers set using the Transmit Command byte. The ULPI registers retain their contents
when the PHY is in Low Power Mode, Full Speed/Low Speed Serial Mode, or Carkit Mode.
6.2.1
TRANSMIT COMMAND BYTE (TX CMD)
A command from the Link begins a ULPI transfer from the Link to the USB334x. Before reading a ULPI register, the Link
must wait until DIR is low, and then send a Transmit Command Byte (TX CMD) byte. The TX CMD byte informs the
USB334x of the type of data being sent. The TX CMD is followed by a data transfer to or from the USB334x. Table 6-2
gives the TX command byte (TX CMD) encoding for the USB334x. The upper two bits of the TX CMD instruct the PHY
as to what type of packet the Link is transmitting.
FIGURE 6-2:
ULPI SINGLE DATA RATE TIMING DIAGRAM IN SYNCHRONOUS MODE
60MHz ULPI -
CLK
Control In -
STP
Data In -
DATA[7:0]
Control Out -
DIR, NXT
Data Out -
DATA[7:0]
TSC
TSD
THC
THD
TDC
TDC
TDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com