Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 11Page - Microchip Technology USB3343 Datasheet HTML 12Page - Microchip Technology USB3343 Datasheet HTML 13Page - Microchip Technology USB3343 Datasheet HTML 14Page - Microchip Technology USB3343 Datasheet HTML 15Page - Microchip Technology USB3343 Datasheet HTML 16Page - Microchip Technology USB3343 Datasheet HTML 17Page - Microchip Technology USB3343 Datasheet HTML 18Page - Microchip Technology USB3343 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 15
USB334x
4.0
ELECTRICAL CHARACTERISTICS
The following conditions are assumed unless otherwise specified:
VDD33 = 3.0 to 3.6V; VDD18 = 1.6 to 2.0V; VSS = 0V; TA = -40C to +85C
4.1
Operating Current
TABLE 4-1:
OPERATING CURRENT (USB3341, USB3346, AND USB3347)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Synchronous Mode Current
(Default Configuration)
IVBAT(SYNC)
USB Idle
22
23
25
mA
Synchronous Mode Current
(HS USB operation)
IVBAT(HS)
Active USB Transfer
38
40
52
mA
Synchronous Mode Current
(FS/LS USB operation)
IVBAT(FS)
Active USB Transfer
29
34
43
mA
Serial Mode Current
(FS/LS USB)
Note 4-1
IVBAT(FS_S)
68
9
mA
USB UART Current
Note 4-1
IVBAT(UART)
68
9
mA
USB Audio Mode
Note 4-2
IVBAT(AUDIO)
VVBAT = 4.2V
63
71
117
uA
Low Power Mode
Note 4-2
IVBAT(SUSPEND)
VVBAT = 4.2V
29
36
81
uA
RESET Mode
IVBAT(RSTB)
RESETB = 0
VVBAT = 4.2V
01
11
uA
TABLE 4-2:
OPERATING CURRENT (USB3343)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Synchronous Mode Current
(Default Configuration)
IVBAT(SYNC)
USB Idle
18
22
24
mA
IVIO(SYNC)
12
5
mA
Synchronous Mode Current
(HS USB operation)
IVBAT(HS)
Active USB Transfer
33
35
37
mA
IVIO(HS)
56
14
mA
Synchronous Mode Current
(FS/LS USB operation)
IVBAT(FS)
Active USB Transfer
25
28.5
30
mA
IVIO(FS)
45
13
mA
Serial Mode Current
(FS/LS USB)
Note 4-1
IVBAT(FS_S)
78
9
mA
IVIO(FS_S)
00.1
0.7
mA
USB UART Current
Note 4-1
IVBAT(UART)
78
9
mA
IVIO(UART)
00.1
0.7
mA
Low Power Mode
Note 4-2
Note 4-3
IVBAT(SUSPEND)
VVBAT = 4.2V
VVDDIO = 1.8V
29
32
83
uA
IVIO(SUSPEND)
00
2
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com