Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 55 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 51Page - Microchip Technology USB3343 Datasheet HTML 52Page - Microchip Technology USB3343 Datasheet HTML 53Page - Microchip Technology USB3343 Datasheet HTML 54Page - Microchip Technology USB3343 Datasheet HTML 55Page - Microchip Technology USB3343 Datasheet HTML 56Page - Microchip Technology USB3343 Datasheet HTML 57Page - Microchip Technology USB3343 Datasheet HTML 58Page - Microchip Technology USB3343 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 55
USB334x
To send the ‘F0’ PID, the link will be required to use the TX CMD with NOPID to initiate the transmit and then follow up
the TX CMD with the ‘F0’ PID. The data bytes follow as in a normal transmit, in OpMode 00b. The key difference is in
that the link will have to send the PID the same as it would send a data packet. The USB334x is able to recognize the
LPM transmit and correctly send the PID information.
6.5
Low Power Mode
Low Power Mode is a power down state to save current when the USB session is suspended. The Link controls when
the PHY is placed into or out of Low Power Mode. In Low Power Mode all of the circuits are powered down except the
interface pins, Full Speed receiver, VBUS comparators, and IdGnd comparator. The VBUS and ID comparators can
optionally be powered down to save current as shown in Section 6.5.5, "Minimizing Current in Low Power Mode," on
page 58.
Before entering Low Power Mode, the USB334x must be configured to set the desired state of the USB transceiver. The
XcvrSelect[1:0], TermSelect and OpMode[1:0] bits in the Function Control register, and the DpPulldown and DmPull-
down bits in the OTG Control register control the configuration as shown in Table 5-1. The DP and DM pins are config-
ured to a high impedance state by configuring OpMode[1:0] = 01 as shown in the programming example in Table 6-8.
Pull-down resistors with a value of approximately 2MΩ are present on the DP and DM pins to avoid false linestate indi-
cations that could result if the pins were allowed to float.
6.5.1
ENTERING LOW POWER/SUSPEND MODE
To enter Low Power Mode, the Link will write a 0 or clear the SuspendM bit in the Function Control register. After this
write is complete, the PHY will assert DIR high and after a minimum of five rising edges of CLKOUT, drive the clock low.
After the clock is stopped, the PHY will enter a low power state to conserve current. Placing the PHY in Suspend Mode
is not related to USB Suspend. To clarify this point, USB Suspend is initiated when a USB host stops data transmissions
and enters Full-Speed mode with 15KΩ pull-down resistors on DP and DM. The suspended device goes to Full-Speed
mode with a pull-up on DP. Both the host and device remain in this state until one of them drives DM high (this is called
a resume).
FIGURE 6-10:
LPM TOKEN TRANSMIT
DATA[7:0]
DP/DM
DIR
CLK
STP
NXT
TXD CMD
(40h TX NOPID )
Idle
PID
(F0h)
D1
IDLE
SE0
!SQUELCH
SE0
Turn
Around
RXD
CMD
D0
Turn
Around
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com