Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB3343
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB3343 Datasheet HTML 26Page - Microchip Technology USB3343 Datasheet HTML 27Page - Microchip Technology USB3343 Datasheet HTML 28Page - Microchip Technology USB3343 Datasheet HTML 29Page - Microchip Technology USB3343 Datasheet HTML 30Page - Microchip Technology USB3343 Datasheet HTML 31Page - Microchip Technology USB3343 Datasheet HTML 32Page - Microchip Technology USB3343 Datasheet HTML 33Page - Microchip Technology USB3343 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
USB334x
DS00002646A-page 30
 2009-2018 Microchip Technology Inc.
5.5.3
REFCLK JITTER
The USB334x is tolerant to jitter on the reference clock. The REFCLK jitter should be limited to a peak to peak jitter of
less than 1nS over a 10uS time interval. If this level of jitter is exceeded when configured for either ULPI Clock Input
Mode or ULPI Clock Output Mode, the USB334x High Speed eye diagram may be degraded.
The frequency accuracy of the REFCLK must meet the +/- 500ppm requirement as shown in Table 4-3.
5.5.4
REFCLK ENABLE/DISABLE
The REFCLK should be enabled when the RESETB pin is brought high. The ULPI interface will start running after the
time specified in Table 4-3. If the reference clock enable is delayed relative to the RESETB pin, the ULPI interface will
start operation delayed by the same amount. The reference clock can be run at anytime the RESETB pin is low without
causing the USB334x to start-up or draw current.
When the USB334x is placed in Low Power Mode or Carkit Mode, the reference clock can be stopped after the final
ULPI register write is complete. The STP pin is asserted to bring the USB334x out of Low Power Mode. The reference
clock should be started at the same time STP is asserted to minimize the USB334x start-up time.
If the reference clock is stopped while in ULPI Synchronous mode the PLL will come out of lock and the frequency of
oscillation will decrease to the minimum allowed by the PLL design. If the reference clock is stopped during a USB ses-
sion, the session may drop.
5.6
Internal Regulators and POR
The USB334x includes integrated power management functions, including a Low-Dropout regulator that can be used
to generate the 3.3V USB supply, an integrated 1.8V regulator, and a POR generator described in Section 5.6.2, "Power
On Reset (POR)," on page 31.
5.6.1
INTEGRATED LOW DROPOUT REGULATORS
The USB334x includes two integrated linear regulators. Power sourced at the VBAT pin is regulated to 3.3V and 1.8V
output on the VDD33 and VDD18 pins. To ensure stability, both regulators require an external bypass capacitor as spec-
ified in Table 4-12 placed as close to the pin as possible.
The USB334x regulators are designed to generate the 3.3 Volt and 1.8 Volt supplies for the USB334x only. Using the
regulators to provide current for other circuits is not recommended and Microchip does not ensure USB performance or
regulator stability.
During USB UART mode the 3.3V regulator output voltage can be changed to allow the USB334x to work with UARTs
operating at different operating voltages. The 3.3V regulator output is configured to the voltages shown in Table 4-12
with the UART RegOutput[1:0] bits in the USB IO & Power Management register.
The regulators are enabled by the RESETB pin. When RESETB pin is low both regulators are disabled and the regulator
outputs are pulled low by weak pull-down. The RESETB pin must be brought high to enable the regulators.
FIGURE 5-5:
EXAMPLE OF CIRCUIT USED TO SHIFT A REFERENCE CLOCK COMMON-
MODE VOLTAGE LEVEL
Clock
0.1uF
1.8V Supply
To REFCLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com