Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RX113 Datasheet HTML 1Page - Renesas Technology Corp RX113 Datasheet HTML 2Page - Renesas Technology Corp RX113 Datasheet HTML 3Page - Renesas Technology Corp RX113 Datasheet HTML 4Page - Renesas Technology Corp RX113 Datasheet HTML 5Page - Renesas Technology Corp RX113 Datasheet HTML 6Page - Renesas Technology Corp RX113 Datasheet HTML 7Page - Renesas Technology Corp RX113 Datasheet HTML 8Page - Renesas Technology Corp RX113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 3 of 131
Sep 07, 2020
RX113 Group
1. Overview
DMA
Data transfer controller
(DTCa)
• Transfer modes: Normal transfer, repeat transfer, and block transfer
• Activation sources: Interrupts
• Chain transfer function
I/O ports
General I/O ports
100-pin/64-pin
• I/O: 82/46
• Input: 1/1
• Pull-up resistors: 71/41
• Open-drain outputs: 60/34
• 5-V tolerance: 4/4
Event link controller (ELC)
• Event signals of 44 types can be directly connected to the module
• Operations of timer modules are selectable at event input
• Capable of event link operation for port B
Multi-function pin controller (MPC)
Capable of selecting the input/output function from multiple pins
Timers
Multi-function timer pulse
unit 2 (MTU2a)
• (16 bits × 6 channels) × 1 unit
• Time bases for the six 16-bit timer channels can be provided via up to 16 pulse-input/output lines and
three pulse-input lines
• Select from among eight or seven counter-input clock signals for each channel (PCLK/1, PCLK/4,
PCLK/16, PCLK/64, PCLK/256, PCLK/1024, MTCLKA, MTCLKB, MTCLKC, MTCLKD) other than
channel 5, for which only four signals are available.
• Input capture function
• 21 output compare/input capture registers
• Pulse output mode
• Complementary PWM output mode
• Reset synchronous PWM mode
• Phase-counting mode
• Capable of generating conversion start triggers for the A/D converter
Port output enable 2
(POE2a)
Controls the high-impedance state of the MTU’s waveform output pins
Compare match timer
(CMT)
• (16 bits × 2 channels) × 2 units
• Select from among four clock signals (PCLK/8, PCLK/32, PCLK/128, PCLK/512)
Independent watchdog
timer (IWDTa)
• 14 bits × 1 channel
• Count clock: Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 1, 16, 32, 64, 128, or 256
Realtime clock (RTCA)
• Clock source: Sub-clock
• Calendar count mode or binary count mode selectable
• Interrupts: Alarm interrupt, periodic interrupt, and carry interrupt
Low power timer (LPT)
• 16 bits × 1 channel
• Clock source: Sub-clock, Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 2, 4, 8, 16, or 32
8-bit timer (TMR)
• (8 bits × 2 channels) × 2 units
• Seven internal clocks (PCLK/1, PCLK/2, PCLK/8, PCLK/32, PCLK/64, PCLK/1024, and PCLK/8192)
and an external clock can be selected
• Pulse output and PWM output with any duty cycle are available
• Two channels can be cascaded and used as a 16-bit timer
Communication
functions
Serial communications
interfaces (SCIe, SCIf)
• 8 channels (channel 0, 1, 2, 5, 6, 8, and 9: SCIe, channel 12: SCIf)
• Serial communications modes: Asynchronous, clock synchronous, and smart card interface
• On-chip baud rate generator allows selection of the desired bit rate
• Choice of LSB-first or MSB-first transfer
• Average transfer rate clock can be input from MTU2 timers
• Simple I2C
• Simple SPI
• Master/slave mode supported (SCIf only)
• Start frame and information frame are included (SCIf only)
• Start-bit detection in asynchronous mode: Low level or falling edge is selectable
IrDA interface (IRDA)
• 1 channel (SCI5 used)
• Supports encoding/decoding of waveforms conforming to IrDA standard 1.0
I2C bus interface (RIIC)
• 1 channel
• Communications formats:
I2C bus format/SMBus format
• Master mode or slave mode selectable
• Supports fast mode
Table 1.1
Outline of Specifications (2/3)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com