Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 60Page - Renesas Technology Corp RX113 Datasheet HTML 61Page - Renesas Technology Corp RX113 Datasheet HTML 62Page - Renesas Technology Corp RX113 Datasheet HTML 63Page - Renesas Technology Corp RX113 Datasheet HTML 64Page - Renesas Technology Corp RX113 Datasheet HTML 65Page - Renesas Technology Corp RX113 Datasheet HTML 66Page - Renesas Technology Corp RX113 Datasheet HTML 67Page - Renesas Technology Corp RX113 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 64 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note 1. Current consumed only by the USB module.
Note 2. Includes the current supplied from the pull-up resistor of the USB0_DP pin to the pull-down resistor of the host device, in
addition to the current consumed by this MCU during the suspended state.
Note 3. Current consumed by the power supplies (VCC and VCC_USB).
Note 4. Current consumed only by the comparator B module.
Note 5. Current consumed only by the LCD module. Current when the LCD panel is not connected.
Note 6. Current consumed by the power supply (VCC).
Note 7. When VCC = AVCC0 = VCC_USB = 3.3 V.
Note 8. It does not include the current that flows through external divider resistors.
Note:
When powering on AVCC0 and VCC, power them on at the same time or VCC first.
Note 1. When OFS1.(STUPLVD1REN, FASTSTUP) = 11b.
Note 2. When OFS1.(STUPLVD1REN, FASTSTUP) = 10b.
Note 3. When OFS1.STUPLVD1REN = 0.
Note 4. Turn on the power supply voltage according to the normal startup rising gradient because the register settings set by OFS1 are
not read in boot mode.
USB operating
current*3
During USB communication operation under the
following settings and conditions
• Host controller operation is set to full-speed mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
• Connect peripheral devices via a 1-meter USB
cable from the USB port.
IUSBH*1
—4.3
(VCC)
0.9
(VCC_USB)*3
—mA
During USB communication operation under the
following settings and conditions
• Function controller operation is set to full-speed
mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
• Connect the host device via a 1-meter USB cable
from the USB port.
IUSBF*1
—3.6
(VCC)
1.1
(VCC_USB)*3
—mA
During suspended state under the following setting
and conditions
• Function controller operation is set to full-speed
mode (pull up the USB0_DP pin)
• Software standby mode
• Connect the host device via a 1-meter USB cable
from the USB port.
ISUSP*2
—0.35
(VCC)
170
(VCC_USB)*3
—µA
CTSU
operating
current
During measurement (CPU is in sleep mode)
Base clock: 2 MHz
Pin capacity: 50 pF
ICTSU
—
150
—
µA
Table 5.11
DC Characteristics (9)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
RAM standby voltage
VRAM
1.8
—
—
V
Table 5.12
DC Characteristics (10)
Conditions: 0 V
≤ VCC = VCC_USB ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Power-on VCC
rising gradient
At normal startup*1
SrVCC
0.02
—
20
ms/V
During fast startup time*2
0.02
—
2
Voltage monitoring 1 reset enabled at startup
*3, *4
0.02
—
—
Table 5.10
DC Characteristics (8) (2/2)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.*7
Max.
Unit
Test
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com