Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 33Page - Renesas Technology Corp RX113 Datasheet HTML 34Page - Renesas Technology Corp RX113 Datasheet HTML 35Page - Renesas Technology Corp RX113 Datasheet HTML 36Page - Renesas Technology Corp RX113 Datasheet HTML 37Page - Renesas Technology Corp RX113 Datasheet HTML 38Page - Renesas Technology Corp RX113 Datasheet HTML 39Page - Renesas Technology Corp RX113 Datasheet HTML 40Page - Renesas Technology Corp RX113 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 37 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
0008 800Ch
CMT1
Compare Match Constant Register
CMCOR
16
16
2 or 3 PCLKB
0008 8010h
CMT
Compare Match Timer Start Register 1
CMSTR1
16
16
2 or 3 PCLKB
0008 8012h
CMT2
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
0008 8014h
CMT2
Compare Match Counter
CMCNT
16
16
2 or 3 PCLKB
0008 8016h
CMT2
Compare Match Constant Register
CMCOR
16
16
2 or 3 PCLKB
0008 8018h
CMT3
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
0008 801Ah
CMT3
Compare Match Counter
CMCNT
16
16
2 or 3 PCLKB
0008 801Ch
CMT3
Compare Match Constant Register
CMCOR
16
16
2 or 3 PCLKB
0008 8030h
IWDT
IWDT Refresh Register
IWDTRR
8
8
2 or 3 PCLKB
0008 8032h
IWDT
IWDT Control Register
IWDTCR
16
16
2 or 3 PCLKB
0008 8034h
IWDT
IWDT Status Register
IWDTSR
16
16
2 or 3 PCLKB
0008 8036h
IWDT
IWDT Reset Control Register
IWDTRCR
8
8
2 or 3 PCLKB
0008 8038h
IWDT
IWDT Count Stop Control Register
IWDTCSTPR
8
8
2 or 3 PCLKB
0008 8040h
DA
D/A Data Register 0
DADR0
16
16
2 or 3 PCLKB
0008 8042h
DA
D/A Data Register 1
DADR1
16
16
2 or 3 PCLKB
0008 8044h
DA
D/A Control Register
DACR
8
8
2 or 3 PCLKB
0008 8045h
DA
Data Register Format Select Register
DADPR
8
8
2 or 3 PCLKB
0008 8046h
DA
D/A A/D Synchronous Start Control Register
DAADSCR
8
8
2 or 3 PCLKB
0008 8047h
DA
D/A VREF Control Register
DAVREFCR
8
8
2 or 3 PCLKB
0008 8200h
TMR0
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8201h
TMR1
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8202h
TMR0
Timer Control/Status Register
TCSR
8
8
2 or 3 PCLKB
0008 8203h
TMR1
Timer Control/Status Register
TCSR
8
8
2 or 3 PCLKB
0008 8204h
TMR0
Time Constant Register A
TCORA
8
8
2 or 3 PCLKB
0008 8204h
TMR01
Time Constant Register A
TCORA
16
16
2 or 3 PCLKB
0008 8205h
TMR1
Time Constant Register A
TCORA
8
8
2 or 3 PCLKB
0008 8206h
TMR0
Time Constant Register B
TCORB
8
8
2 or 3 PCLKB
0008 8206h
TMR01
Time Constant Register B
TCORB
16
16
2 or 3 PCLKB
0008 8207h
TMR1
Time Constant Register B
TCORB
8
8
2 or 3 PCLKB
0008 8208h
TMR0
Timer Counter
TCNT
8
8
2 or 3 PCLKB
0008 8208h
TMR01
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8209h
TMR1
Timer Counter
TCNT
8
8
2 or 3 PCLKB
0008 820Ah
TMR0
Timer Counter Control Register
TCCR
8
8
2 or 3 PCLKB
0008 820Ah
TMR01
Timer Counter Control Register
TCCR
16
16
2 or 3 PCLKB
0008 820Bh
TMR1
Timer Counter Control Register
TCCR
8
8
2 or 3 PCLKB
0008 820Ch
TMR0
Timer Counter Start Register
TCSTR
8
8
2 or 3 PCLKB
0008 8210h
TMR2
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8211h
TMR3
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8212h
TMR2
Timer Control/Status Register
TCSR
8
8
2 or 3 PCLKB
0008 8213h
TMR3
Timer Control/Status Register
TCSR
8
8
2 or 3 PCLKB
0008 8214h
TMR2
Time Constant Register A
TCORA
8
8
2 or 3 PCLKB
0008 8214h
TMR23
Time Constant Register A
TCORA
16
16
2 or 3 PCLKB
0008 8215h
TMR3
Time Constant Register A
TCORA
8
8
2 or 3 PCLKB
0008 8216h
TMR2
Time Constant Register B
TCORB
8
8
2 or 3 PCLKB
0008 8216h
TMR23
Time Constant Register B
TCORB
16
16
2 or 3 PCLKB
0008 8217h
TMR3
Time Constant Register B
TCORB
8
8
2 or 3 PCLKB
0008 8218h
TMR2
Timer Counter
TCNT
8
8
2 or 3 PCLKB
0008 8218h
TMR23
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8219h
TMR3
Timer Counter
TCNT
8
8
2 or 3 PCLKB
0008 821Ah
TMR2
Timer Counter Control Register
TCCR
8
8
2 or 3 PCLKB
0008 821Ah
TMR23
Timer Counter Control Register
TCCR
16
16
2 or 3 PCLKB
0008 821Bh
TMR3
Timer Counter Control Register
TCCR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (8/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com