Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 42Page - Renesas Technology Corp RX113 Datasheet HTML 43Page - Renesas Technology Corp RX113 Datasheet HTML 44Page - Renesas Technology Corp RX113 Datasheet HTML 45Page - Renesas Technology Corp RX113 Datasheet HTML 46Page - Renesas Technology Corp RX113 Datasheet HTML 47Page - Renesas Technology Corp RX113 Datasheet HTML 48Page - Renesas Technology Corp RX113 Datasheet HTML 49Page - Renesas Technology Corp RX113 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 46 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
0008 C00Ch
PORTC
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C00Dh
PORTD
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C00Eh
PORTE
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C00Fh
PORTF
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C012h
PORTJ
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C020h
PORT0
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C021h
PORT1
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C022h
PORT2
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C023h
PORT3
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C024h
PORT4
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C025h
PORT5
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C029h
PORT9
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Ah
PORTA
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Bh
PORTB
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Ch
PORTC
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Dh
PORTD
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Eh
PORTE
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Fh
PORTF
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C032h
PORTJ
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C040h
PORT0
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C041h
PORT1
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C042h
PORT2
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C043h
PORT3
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C044h
PORT4
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C045h
PORT5
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C049h
PORT9
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C04Ah
PORTA
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C04Bh
PORTB
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C04Ch
PORTC
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C04Dh
PORTD
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C04Eh
PORTE
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C04Fh
PORTF
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C052h
PORTJ
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles when reading,
2 or 3 PCLKB cycles when writing
0008 C060h
PORT0
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C061h
PORT1
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C062h
PORT2
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C063h
PORT3
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C064h
PORT4
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C065h
PORT5
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C069h
PORT9
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Ah
PORTA
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Bh
PORTB
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Ch
PORTC
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Dh
PORTD
Port Mode Register
PMR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (17/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com