Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 83Page - Renesas Technology Corp RX113 Datasheet HTML 84Page - Renesas Technology Corp RX113 Datasheet HTML 85Page - Renesas Technology Corp RX113 Datasheet HTML 86Page - Renesas Technology Corp RX113 Datasheet HTML 87Page - Renesas Technology Corp RX113 Datasheet HTML 88Page - Renesas Technology Corp RX113 Datasheet HTML 89Page - Renesas Technology Corp RX113 Datasheet HTML 90Page - Renesas Technology Corp RX113 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 87 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note 1. tPcyc: PCLK cycle
Table 5.32
Timing of On-Chip Peripheral Modules (3)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +105°C, C = 30 pF
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions
Simple
SPI
SCK clock cycle output (master)
tSPcyc
4
65536
tPcyc
Figure 5.42
SCK clock cycle input (slave)
6
—
tPcyc
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
tSPCKr, tSPCKf
—20
ns
Data input setup time (master)
2.7 V or above
tSU
65
—
ns
Figure 5.43,
Figure 5.45
1.8 V or above
95
—
Data input setup time (slave)
40
—
Data input hold time
tH
40
—
ns
SS input setup time
tLEAD
3—
tSPcyc
SS input hold time
tLAG
3—
tSPcyc
Data output delay time (master)
tOD
—40
ns
Data output delay time (slave)
2.7 V or above
—
65
1.8 V or above
—
100
Data output hold time (master)
2.7 V or above
tOH
–10
—
ns
1.8 V or above
–20
—
Data output hold time (slave)
–10
—
Data rise/fall time
tDr, tDf
—20
ns
SS input rise/fall time
tSSLr, tSSLf
—20
ns
Slave access time
tSA
—6
tPcyc
Figure 5.47,
Figure 5.48
Slave output release time
tREL
—6
tPcyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com