Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 56Page - Renesas Technology Corp RX113 Datasheet HTML 57Page - Renesas Technology Corp RX113 Datasheet HTML 58Page - Renesas Technology Corp RX113 Datasheet HTML 59Page - Renesas Technology Corp RX113 Datasheet HTML 60Page - Renesas Technology Corp RX113 Datasheet HTML 61Page - Renesas Technology Corp RX113 Datasheet HTML 62Page - Renesas Technology Corp RX113 Datasheet HTML 63Page - Renesas Technology Corp RX113 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 60 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Figure 5.1
Voltage Dependency in High-Speed Operating Mode (Reference Data)
Figure 5.2
Voltage Dependency in Middle-Speed Operating Mode (Reference Data)
0
5
10
15
20
25
1.5
2.0
2.5
3.0
3.5
4.0
Note 1. All peripheral operation is normal. This does not include BGO operation. Average value of the
tested middle samples during product evaluation.
Note 2. All peripheral operation is maximum. This does not include BGO operation. Average value of the
tested upper-limit samples during product evaluation.
VCC (V)
Ta = 85/105°C, ICLK = 32 MHz
*2
Ta = 25°C, ICLK = 32 MHz
*1
Ta = 25°C, ICLK = 16 MHz
*1
Ta = 25°C, ICLK = 8 MHz
*1
Ta = 85/105°C, ICLK = 16 MHz
*2
Ta = 85/105°C, ICLK = 8 MHz
*2
0
2
4
6
8
10
12
1.52.0
2.53.0
3.54.0
Ta = 85/105°C, ICLK = 12 MHz
*2
Ta = 25°C, ICLK = 8 MHz
*1
Ta = 85/105°C, ICLK = 8 MHz
*2
Ta = 85/105°C, ICLK = 1 MHz
*2
Ta = 25°C, ICLK = 1 MHz
*1
Ta = 25°C, ICLK = 12 MHz
*1
Note 1. All peripheral operation is normal. This does not include BGO operation. Average value of the
tested middle samples during product evaluation.
Note 2. All peripheral operation is maximum. This does not include BGO operation. Average value of the
tested upper-limit samples during product evaluation.
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com