Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX113 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 19Page - Renesas Technology Corp RX113 Datasheet HTML 20Page - Renesas Technology Corp RX113 Datasheet HTML 21Page - Renesas Technology Corp RX113 Datasheet HTML 22Page - Renesas Technology Corp RX113 Datasheet HTML 23Page - Renesas Technology Corp RX113 Datasheet HTML 24Page - Renesas Technology Corp RX113 Datasheet HTML 25Page - Renesas Technology Corp RX113 Datasheet HTML 26Page - Renesas Technology Corp RX113 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 23 of 131
Sep 07, 2020
RX113 Group
1. Overview
Note 1. Not 5 V tolerant.
Note 2. The power source of the I/O buffer for these pins is AVCC0.
33
PB7/
PC1
MTIOC3B
TXD9/SMOSI9/SSDA9/SSITXD0
SEG11/
COM4
34
PB6/
PC0
MTIOC3D
RXD9/SMISO9/SSCL9/SSIRXD0
SEG12/
COM5
35
PB5
MTIOC2A/MTIOC1B/
POE1#/TMRI1
SCK9/SSISCK0
SEG13/
COM6
36
PB3
MTIOC0A/MTIOC3B/
MTIOC4A/POE3#/TMO0
SCK6/AUDIO_MCLK/
USB0_OVRCURA
SEG15/
COM7
37
PB1
MTIOC0C/MTIOC4C/
TMCI0
TXD6/SMOSI6/SSDA6/SSIWS0
SEG17
IRQ4
38
VCC
39
PB0
MTIC5W/MTIOC0C/
RTCOUT
SCL0/RSPCKA/RXD6/SMISO6/
SSCL6
IRQ2/ADTRG0#
40
VSS
41
PA6
MTIC5V/MTCLKB/
MTIOC2A/POE2#/TMCI3
CTS5#/RTS5#/SS5#/SDA0/MOSIA
IRQ3
42
PA4
MTIC5U/MTCLKA/
MTIOC2B/TMRI0
TXD5/SMOSI5/SSDA5/IRTXD5/
SSLA0
SEG20
IRQ5/CVREFB1
43
PA3
MTIOC0D/MTCLKD/
MTIOC1B/POE0#
RXD5/SMISO5/SSCL5/IRRXD5/
MISOA
SEG21
IRQ6/CMPB1
44
PA1
MTIOC0B/MTCLKC/
RTCOUT
SCK5/SSLA2
SEG23
45
PA0
MTIOC4A
SSLA1
SEG24
CACREF
46
PE5
MTIOC4C/MTIOC2B
MISOA/TXD9/SMOSI9/SSDA9
SEG27
IRQ5/AN013/
CMPOB1
47
PE4
MTIOC4D/MTIOC1A/
MTIOC3A
MOSIA/RXD9/SMISO9/SSCL9/
SSIWS0
SEG28
IRQ4/AN012
48
PE3
MTIOC0A/MTIOC1B/
MTIOC4B/POE8#
CTS12#/RTS12#/SS12#/RSPCKA/
SCK9/AUDIO_MCLK
SEG29
IRQ3/AN011
49
PE2
MTIOC4A
RXD12/RXDX12/SMISO12/
SSCL12/SSIRXD0
SEG30
IRQ7/AN010/
CVREFB0
50
PE1
MTIOC4C
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12/SSITXD0
SEG31
IRQ1/AN009/
CMPB0
51
PE0
MTIOC2A/POE3#
SCK12/CTS9#/RTS9#/SS9#/
SSISCK0
SEG32
IRQ0/AN008
52
PE7
SEG33
IRQ7/AN015/
CMPOB0
53
PE6
SEG34
IRQ6/AN014
54
PD2
MTIOC4D
SEG37
IRQ2
55
PD1
MTIOC4B
SEG38
IRQ1
56
PD0
SEG39
IRQ0
57
VREFL
P42*2
AN002
58
VREFH
P41*2
AN001
59
VREFL0
PJ7*2
60
P40*2
AN000
61
VREFH0
PJ6*2
62
AVSS0
63
AVCC0
64
PJ2
DA1
Table 1.7
List of Pins and Pin Functions (64-Pin LFQFP) (2/2)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC, TMR)
Communication
(SCIe, SCIf, RSPI, RIIC, USB, SSI)
LCD,
Touch
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com